Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA8060ATS Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8060ATS
Description  Satellite ZERO-IF QPSK down-converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8060ATS Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8060ATS Datasheet HTML 3Page - NXP Semiconductors TDA8060ATS Datasheet HTML 4Page - NXP Semiconductors TDA8060ATS Datasheet HTML 5Page - NXP Semiconductors TDA8060ATS Datasheet HTML 6Page - NXP Semiconductors TDA8060ATS Datasheet HTML 7Page - NXP Semiconductors TDA8060ATS Datasheet HTML 8Page - NXP Semiconductors TDA8060ATS Datasheet HTML 9Page - NXP Semiconductors TDA8060ATS Datasheet HTML 10Page - NXP Semiconductors TDA8060ATS Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
2000 Nov 10
7
Philips Semiconductors
Product specification
Satellite ZERO-IF QPSK down-converter
TDA8060ATS
SYMMETRICAL RF INPUT (Fig.4)
Gv(RF-IOUT)(min)
minimum voltage gain from RF input to
pin IOUT
VAGC = 0.1VCC;
note 6
−−
6dB
Gv(RF-IOUT)(max)
maximum voltage gain from RF input to
pin IOUT
VAGC = 0.9VCC;
note 6
41
43
−
dB
Gv(RF-QOUT)(min)
minimum voltage gain from RF input to
pin QOUT
VAGC = 0.1VCC;
note 6
−−
6dB
Gv(RF-QOUT)(max)
maximum voltage gain from RF input to
pin QOUT
VAGC = 0.9VCC;
note 6
41
43
−
dB
IP3i(I)
I 3rd-order interception point at RF input
1
4
−
dBm
IP2i(I)
I 2nd-order interception point at RF input
12
15
−
dBm
IP3i(Q)
Q 3rd-order interception point at RF input
1
4
−
dBm
IP2i(Q)
Q 2nd-order interception point at RF input
12
15
−
dBm
Fi
noise figure at maximum gain
VAGC = 0.9VCC;
Zsource =50 Ω
−
12
15
dB
ASYMMETRICAL RF INPUT (Fig.5)
Gv(RF-IOUT)(min)
minimum voltage gain from RF input to
pin IOUT
VAGC = 0.1VCC;
note 7
−−
6dB
Gv(RF-IOUT)(max)
maximum voltage gain from RF input to
pin IOUT
VAGC = 0.9VCC;
note 7
−
43
−
dB
Gv(RF-QOUT)(min)
minimum voltage gain from RF input to
pin QOUT
VAGC = 0.1VCC;
note 7
−−
6dB
Gv(RF-QOUT)(max)
maximum voltage gain from RF input to
pin QOUT
VAGC = 0.9VCC;
note 7
−
43
−
dB
IP3i(I)
I 3rd-order interception point at RF input
−
3
−
dBm
IP2i(I)
I 2nd-order interception point at RF input
−
15
−
dBm
IP3i(Q)
Q 3rd-order interception point at RF input
−
3
−
dBm
IP2i(Q)
Q 2nd-order interception point at RF input
−
15
−
dBm
Fi
noise figure at maximum gain
VAGC = 0.9VCC;
Zsource =50 Ω
−
13
−
dB
Baseband stages
Zi
input impedance
−
6
−
k
Ω
Vi
nominal input voltage level
per channel
−
28
−
dBmV
Gv(IBBIN-IBBOUT)
voltage gain from pin IBBIN to pin IBBOUT
19
20
22
dB
Gv(QBBIN-QBBOUT)
voltage gain from pin QBBIN to pin QBBOUT
19
20
22
dB
Gv(I-Q)
voltage gain mismatch between I and Q
−
01dB
IP3i
3rd-order interception point at IQBBIN input
−
63
−
dBmV
IP2i
2nd-order interception point at IQBBIN input
−
79
−
dBmV
∆t
d(g)(40)
group delay variation in 40 MHz bandwidth
−
0.5
2
ns
td(g)(I-Q)(40)
group delay mismatch in 40 MHz band
between I and Q
−
0.5
2
ns
B(−1dB)
channel
−1 dB bandwidth
−
40
−
MHz
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com