Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA8060ATS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8060ATS
Description  Satellite ZERO-IF QPSK down-converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8060ATS Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8060ATS Datasheet HTML 1Page - NXP Semiconductors TDA8060ATS Datasheet HTML 2Page - NXP Semiconductors TDA8060ATS Datasheet HTML 3Page - NXP Semiconductors TDA8060ATS Datasheet HTML 4Page - NXP Semiconductors TDA8060ATS Datasheet HTML 5Page - NXP Semiconductors TDA8060ATS Datasheet HTML 6Page - NXP Semiconductors TDA8060ATS Datasheet HTML 7Page - NXP Semiconductors TDA8060ATS Datasheet HTML 8Page - NXP Semiconductors TDA8060ATS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
handbook, full pagewidth
FCE411
ASYM
AMP
AMP
SYM
LNA
BASEBAND
STAGE
I CONVERTER
×
100 MHz
ASYM
SYM
Q CONVERTER
×
100 MHz
CONVERSION STAGE
RFA 6
IBBOUT
13
QBBOUT
12
VCC(BB)
9
BBGND
16
RFB 5
AGC 1
PEN
3
QUADRATURE
GENERATOR
STABILIZED LO
PLL AND
AMPLIFIER
OSCILLATOR
DIVIDE-BY-2
TDA8060ATS
10
QOUT
24
LOOUT
23
LOOUTC
19
TKA
20
TKB
VCC(RF)
8
RFGND
7
VCC(LO)
17
LOGND
18
VCC(DIV)
22
DIVGND
21
11
QBBIN
IOUT
15
IBBIN
14
LOW-PASS
FILTER
LOW-PASS
FILTER
VCC(MIX)
2
MIXGND
4
Fig.1 Block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com