Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA8060ATS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8060ATS
Description  Satellite ZERO-IF QPSK down-converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8060ATS Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8060ATS Datasheet HTML 1Page - NXP Semiconductors TDA8060ATS Datasheet HTML 2Page - NXP Semiconductors TDA8060ATS Datasheet HTML 3Page - NXP Semiconductors TDA8060ATS Datasheet HTML 4Page - NXP Semiconductors TDA8060ATS Datasheet HTML 5Page - NXP Semiconductors TDA8060ATS Datasheet HTML 6Page - NXP Semiconductors TDA8060ATS Datasheet HTML 7Page - NXP Semiconductors TDA8060ATS Datasheet HTML 8Page - NXP Semiconductors TDA8060ATS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2000 Nov 10
2
Philips Semiconductors
Product specification
Satellite ZERO-IF QPSK down-converter
TDA8060ATS
FEATURES
• Direct conversion Quadrature Phase Shift Keying
(QPSK) demodulation (Zero IF)
• 920 to 2200 MHz range
• On-chip loop-controlled 0 or 90° phase shifter
• Variable gain on RF input
• 60 MHz, at −3 dB, bandwidth for baseband
I and Q amplifiers
• Local oscillator output to PLL satellite or terrestrial
• 5 V supply voltage.
APPLICATIONS
• Direct Broadcasting Satellite (DBS) QPSK
demodulation
• Digital Video Broadcasting (DVB) QPSK demodulation.
GENERAL DESCRIPTION
The direct conversion QPSK demodulator is the front-end
receiver dedicated to digital TV broadcasting, satisfying
both DVB and DBS TV standards.
The 920 to 2200 MHz wide range oscillator covers
American, European and Asian satellite bands as well as
the SMA-TV US standard.
Accurate QPSK demodulation is ensured by the on-chip
loop-controlled phase shifter. The Zero-IF concept
discards traditional IF filtering and intermediate conversion
techniques. It also simplifies the signal path.
The baseband I and Q signal bandwidth only depends, to
a certain extent, on the external filter used in the
application.
Optimum signal level is guaranteed by a gain-controlled
amplifier at the RF input. The pin AGC sets the gain for
both I and Q channels, providing a 37 dB range.
The chip also offers a selectable internal LO prescaler
(divide-by-2) and buffer that has been designed to be
compatible with the input of a terrestrial or satellite
frequency synthesizer.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
4.75
5.00
5.25
V
∆Φ
quadrature error
−−
3
deg
fosc
oscillator frequency
920
2200
MHz
Vo(p-p)
output voltage (peak-to-peak value)
1
V
Tamb
ambient temperature
−20
+85
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8060ATS
SSOP24
plastic shrink small outline package; 24 leads; body width 5.3 mm
SOT340-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com