Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSOC4100S Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # PSOC4100S
Description  Programmable System-on-Chip (PSoC)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100S Datasheet(HTML) 4 Page - Cypress Semiconductor

  PSOC4100S Datasheet HTML 1Page - Cypress Semiconductor PSOC4100S Datasheet HTML 2Page - Cypress Semiconductor PSOC4100S Datasheet HTML 3Page - Cypress Semiconductor PSOC4100S Datasheet HTML 4Page - Cypress Semiconductor PSOC4100S Datasheet HTML 5Page - Cypress Semiconductor PSOC4100S Datasheet HTML 6Page - Cypress Semiconductor PSOC4100S Datasheet HTML 7Page - Cypress Semiconductor PSOC4100S Datasheet HTML 8Page - Cypress Semiconductor PSOC4100S Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
PSoC® 4: PSoC 4100S Plus
Datasheet
Document Number: 002-19966 Rev. *F
Page 4 of 42
Contents
Functional Definition ........................................................ 6
CPU and Memory Subsystem ..................................... 6
System Resources ...................................................... 6
Analog Blocks.............................................................. 7
Programmable Digital Blocks ...................................... 8
Fixed Function Digital Blocks ...................................... 8
GPIO ........................................................................... 8
Special Function Peripherals....................................... 9
Pinouts ............................................................................ 10
Alternate Pin Functions ............................................. 12
Power............................................................................... 14
Mode 1: 1.8 V to 5.5 V External Supply .................... 14
Mode 2: 1.8 V ±5% External Supply.......................... 14
Electrical Specifications ................................................ 15
Absolute Maximum Ratings....................................... 15
Device Level Specifications....................................... 15
Analog Peripherals .................................................... 19
Digital Peripherals ..................................................... 26
Memory ..................................................................... 29
System Resources .................................................... 29
Ordering Information...................................................... 33
Packaging........................................................................ 35
Package Diagrams .................................................... 36
Acronyms ........................................................................ 38
Document Conventions ................................................. 40
Units of Measure ....................................................... 40
Revision History ............................................................. 41
Sales, Solutions, and Legal Information ...................... 42
Worldwide Sales and Design Support....................... 42
Products .................................................................... 42
PSoC® Solutions ...................................................... 42
Cypress Developer Community................................. 42
Technical Support ..................................................... 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com