Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSOC4100S Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # PSOC4100S
Description  Programmable System-on-Chip (PSoC)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100S Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button PSOC4100S Datasheet HTML 4Page - Cypress Semiconductor PSOC4100S Datasheet HTML 5Page - Cypress Semiconductor PSOC4100S Datasheet HTML 6Page - Cypress Semiconductor PSOC4100S Datasheet HTML 7Page - Cypress Semiconductor PSOC4100S Datasheet HTML 8Page - Cypress Semiconductor PSOC4100S Datasheet HTML 9Page - Cypress Semiconductor PSOC4100S Datasheet HTML 10Page - Cypress Semiconductor PSOC4100S Datasheet HTML 11Page - Cypress Semiconductor PSOC4100S Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
PSoC® 4: PSoC 4100S Plus
Datasheet
Document Number: 002-19966 Rev. *F
Page 8 of 42
Programmable Digital Blocks
Smart I/O Block
The Smart I/O block is a fabric of switches and LUTs that allows
Boolean functions to be performed in signals being routed to the
pins of a GPIO port. The Smart I/O can perform logical opera-
tions on input pins to the chip and on signals going out as
outputs.
Fixed Function Digital Blocks
Timer/Counter/PWM (TCPWM) Block
The TCPWM block consists of a 16-bit counter with
user-programmable period length. There is a capture register to
record the count value at the time of an event (which may be an
I/O event), a period register that is used to either stop or
auto-reload the counter when its count is equal to the period
register, and compare registers to generate compare value
signals that are used as PWM duty cycle outputs. The block also
provides true and complementary outputs with programmable
offset between them to allow use as dead-band programmable
complementary PWM outputs. It also has a Kill input to force
outputs to a predetermined state; for example, this is used in
motor drive systems when an over-current state is indicated and
the PWM driving the FETs needs to be shut off immediately with
no time for software intervention. Each block also incorporates a
Quadrature decoder. There are eight TCPWM blocks in
PSoC 4100S Plus.
Serial Communication Block (SCB)
PSoC 4100S Plus has five serial communication blocks, which
can be programmed to have SPI, I2C, or UART functionality.
I2C Mode
: The hardware I2C block implements a full
multi-master and slave interface (it is capable of multi-master
arbitration). This block is capable of operating at speeds of up to
400 kbps (Fast Mode) and has flexible buffering options to
reduce interrupt overhead and latency for the CPU. It also
supports EZI2C that creates a mailbox address range in the
memory of PSoC 4100S Plus and effectively reduces I2C
communication to reading from and writing to an array in
memory. In addition, the block supports an 8-deep FIFO for
receive and transmit which, by increasing the time given for the
CPU to read data, greatly reduces the need for clock stretching
caused by the CPU not having read data on time.
The I2C peripheral is compatible with the I2C Standard-mode and
Fast-mode devices as defined in the NXP I2C-bus specification
and user manual (UM10204). The I2C bus I/O is implemented
with GPIO in open-drain modes.
PSoC 4100S Plus is not completely compliant with the I2C spec
in the following respect:
■ GPIO cells are not overvoltage tolerant and, therefore, cannot
be hot-swapped or powered up independently of the rest of the
I2C system.
UART Mode
: This is a full-feature UART operating at up to
1 Mbps. It supports automotive single-wire interface (LIN),
infrared interface (IrDA), and SmartCard (ISO7816) protocols, all
of which are minor variants of the basic UART protocol. In
addition, it supports the 9-bit multiprocessor mode that allows
addressing of peripherals connected over common RX and TX
lines. Common UART functions such as parity error, break
detect, and frame error are supported. An 8-deep FIFO allows
much greater CPU service latencies to be tolerated.
SPI Mode
: The SPI mode supports full Motorola SPI, TI SSP
(adds a start pulse used to synchronize SPI Codecs), and
National Microwire (half-duplex form of SPI). The SPI block can
use the FIFO.
CAN
There is a CAN 2.0B block with support for TT-CAN.
GPIO
PSoC 4100S Plus has up to 54 GPIOs. The GPIO block imple-
ments the following:
■ Eight drive modes:
❐ Analog input mode (input and output buffers disabled)
❐ Input only
❐ Weak pull-up with strong pull-down
❐ Strong pull-up with weak pull-down
❐ Open drain with strong pull-down
❐ Open drain with strong pull-up
❐ Strong pull-up with strong pull-down
❐ Weak pull-up with weak pull-down
■ Input threshold select (CMOS or LVTTL).
■ Individual control of input and output buffer enabling/disabling
in addition to the drive strength modes
■ Selectable slew rates for dV/dt related noise control to improve
EMI
The pins are organized in logical entities called ports, which are
8-bit in width (less for Ports 5 and 6). During power-on and reset,
the blocks are forced to the disable state so as not to crowbar
any inputs and/or cause excess turn-on current. A multiplexing
network known as a high-speed I/O matrix is used to multiplex
between various signals that may connect to an I/O pin.
Data output and pin state registers store, respectively, the values
to be driven on the pins and the states of the pins themselves.
Every I/O pin can generate an interrupt if so enabled and each
I/O port has an interrupt request (IRQ) and interrupt service
routine (ISR) vector associated with it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com