Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSOC4100S Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # PSOC4100S
Description  Programmable System-on-Chip (PSoC)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100S Datasheet(HTML) 5 Page - Cypress Semiconductor

  PSOC4100S Datasheet HTML 1Page - Cypress Semiconductor PSOC4100S Datasheet HTML 2Page - Cypress Semiconductor PSOC4100S Datasheet HTML 3Page - Cypress Semiconductor PSOC4100S Datasheet HTML 4Page - Cypress Semiconductor PSOC4100S Datasheet HTML 5Page - Cypress Semiconductor PSOC4100S Datasheet HTML 6Page - Cypress Semiconductor PSOC4100S Datasheet HTML 7Page - Cypress Semiconductor PSOC4100S Datasheet HTML 8Page - Cypress Semiconductor PSOC4100S Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
PSoC® 4: PSoC 4100S Plus
Datasheet
Document Number: 002-19966 Rev. *F
Page 5 of 42
Figure 2. Block Diagram
PSoC 4100S Plus devices include extensive support for
programming, testing, debugging, and tracing both hardware
and firmware.
The ARM Serial-Wire Debug (SWD) interface supports all
programming and debug features of the device.
Complete debug-on-chip functionality enables full-device
debugging in the final system using the standard production
device. It does not require special interfaces, debugging pods,
simulators, or emulators. Only the standard programming
connections are required to fully support debug.
The PSoC Creator IDE provides fully integrated programming
and debug support for the PSoC 4100S Plus devices. The SWD
interface is fully compatible with industry-standard third-party
tools. PSoC 4100S Plus provides a level of security not possible
with multi-chip application solutions or with microcontrollers. It
has the following advantages:
■ Allows disabling of debug features
■ Robust flash protection
■ Allows customer-proprietary functionality to be implemented in
on-chip programmable blocks
The debug circuits are enabled by default and can be disabled
in firmware. If they are not enabled, the only way to re-enable
them is to erase the entire device, clear flash protection, and
reprogram the device with new firmware that enables debugging.
Thus firmware control of debugging cannot be over-ridden
without erasing the firmware thus providing security.
Additionally, all device interfaces can be permanently disabled
(device security) for applications concerned about phishing
attacks due to a maliciously reprogrammed device or attempts to
defeat security by starting and interrupting flash programming
sequences. All programming, debug, and test interfaces are
disabled when maximum device security is enabled. Therefore,
PSoC 4100S Plus, with device security enabled, may not be
returned for failure analysis. This is a trade-off the PSoC 4100S
Plus allows the customer to make.
Peripherals
CPU Subsystem
System Interconnect (Single Layer AHB)
PSoC 4100S
Plus
I/ O Subsystem
Peripheral Interconnect ( MMIO)
PCLK
FLASH
128KB
Read Accelerator
SPCIF
SRAM Controller
ROM
8 KB
ROM Controller
32-bit
AHB- Lite
Up to 54 x GPIOs
DeepSleep
Active / Sleep
Power Modes
Digital DFT
Test
Analog DFT
System Resources
Lite
Power
Clock
Reset
Clock Control
IMO
Sleep Control
REF
POR
Reset Control
TestMode Entry
WIC
XRES
WDT
ILO
PWRSYS
SAR ADC
(12-bit)
x1
CTBm
2 x Opamp
Programmable
Analog
SARMUX
High Speed I/O Matrix & Smart I/O
SWD/TC, MTB
NVIC, IRQMUX, MPU
Cortex
M0+
48 MHz
FAST MUL
SRAM
16 KB
DataWire/
DMA
Initiator / MMIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com