Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IRU1010CD Datasheet(PDF) 2 Page - International Rectifier

Part # IRU1010CD
Description  1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1010CD Datasheet(HTML) 2 Page - International Rectifier

  IRU1010CD Datasheet HTML 1Page - International Rectifier IRU1010CD Datasheet HTML 2Page - International Rectifier IRU1010CD Datasheet HTML 3Page - International Rectifier IRU1010CD Datasheet HTML 4Page - International Rectifier IRU1010CD Datasheet HTML 5Page - International Rectifier IRU1010CD Datasheet HTML 6Page - International Rectifier IRU1010CD Datasheet HTML 7Page - International Rectifier IRU1010CD Datasheet HTML 8Page - International Rectifier IRU1010CD Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRU1010
2
Rev. 1.7
02/03/03
www.irf.com
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN) ....................................................
7V
Power Dissipation .....................................................
Internally Limited
Storage Temperature Range ......................................
-65°C To 150°C
Operating Junction Temperature Range .....................
0°C To 150°C
PACKAGE INFORMATION
2-PIN PLASTIC TO-252 (D-Pak)
2-PIN ULTRA THIN-PAKTM (P)
8-PIN PLASTIC SOIC (S)
3-PIN PLASTIC SOT-223 (Y)
Unless otherwise specified, these specifications apply over CIN=1
mF, COUT=10mF, and TJ=0 to 1508C.
Typical values refer to TJ=25
8C.
ELECTRICAL SPECIFICATIONS
Note 1: Low duty cycle pulse testing with Kelvin con-
nections is required in order to maintain accurate data.
Note 2: Dropout voltage is defined as the minimum dif-
ferential voltage between VIN and VOUT required to main-
tain regulation at VOUT. It is measured when the output
voltage drops 1% below its nominal value.
Note 3: Minimum load current is defined as the mini-
mum current required at the output in order for the out-
put voltage to maintain regulation. Typically, the resistor
dividers are selected such that it automatically main-
tains this current.
Adj
Tab is
VOUT
VIN
1
3
FRONTVIEW
Adj
VOUT
VIN
Tab is
VOUT
3
1
2
TOP VIEW
Adj
VIN
FRONT VIEW
1
3
Tab is
VOUT
Adj
NC
NC
VIN
VOUT
4
3
2
1
5
6
7
8
TOP VIEW
VOUT
VOUT
VOUT
Io=10mA, TJ=25
8C, (VIN-Vo)=1.5V
Io=10mA, (VIN-Vo)=1.5V
Io=10mA, 1.3V<(VIN-Vo)<7V
VIN=3.3V, VADJ=0, 10mA<Io<1A
Note 2 , Io=1A
VIN=3.3V,
DVo=100mV
VIN=3.3V, VADJ=0V
30ms Pulse, VIN-Vo=3V, Io=1A
f=120Hz, Co=25
mF Tantalum,
Io=0.5A, VIN-Vo=3V
Io=10mA, VIN-Vo=1.5V, TJ=25
8C,
Io=10mA, VIN-Vo=1.5V
Io=10mA, VIN-Vo=1.5V, TJ=25
8C
VIN=3.3V, VADJ=0V, Io=10mA
TJ=125
8C, 1000Hrs
TJ=25
8C, 10Hz<f<10KHz
Reference Voltage
Line Regulation
Load Regulation (Note 1)
Dropout Voltage (Note 2)
Current Limit
Minimum Load Current (Note 3)
Thermal Regulation
Ripple Rejection
Adjust Pin Current
Adjust Pin Current Change
Temperature Stability
Long Term Stability
RMS Output Noise
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
1.238
1.225
1.1
60
1.250
1.250
1.1
5
0.01
70
55
0.2
0.5
0.3
0.003
1.262
1.275
0.2
0.4
1.3
10
0.02
120
5
1
V
%
%
V
A
mA
%/W
dB
mA
mA
%
%
%Vo
VREF
DVo
IADJ
θJA=558C/W for 1" Sq pad
θJA=708C/W for 0.5" Sq pad
θJA=908C/W for 0.4" Sq pad
θJA=708C/W for 0.5" Sq pad



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com