Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IRU1010CD Datasheet(PDF) 9 Page - International Rectifier

Part # IRU1010CD
Description  1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1010CD Datasheet(HTML) 9 Page - International Rectifier

Back Button IRU1010CD Datasheet HTML 2Page - International Rectifier IRU1010CD Datasheet HTML 3Page - International Rectifier IRU1010CD Datasheet HTML 4Page - International Rectifier IRU1010CD Datasheet HTML 5Page - International Rectifier IRU1010CD Datasheet HTML 6Page - International Rectifier IRU1010CD Datasheet HTML 7Page - International Rectifier IRU1010CD Datasheet HTML 8Page - International Rectifier IRU1010CD Datasheet HTML 9Page - International Rectifier IRU1010CD Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRU1010
9
Rev. 1.7
02/03/03
www.irf.com
(Y) SOT-223 Package
3-Pin
SYMBOL
A
A1
B
B1
C
D
E
e
e1
H
Q
Q1
Q2
S
T
MIN
1.498
0.02
2.895
0.637
0.239
6.299
3.30
2.209
4.496
6.70
0
8
7
8
7
8
0.838
1.092
MAX
1.702
0.11
3.15
0.85
0.381
6.706
3.708
2.953
4.699
7.30
10
8
16
8
16
8
1.05
1.30
NOTE: ALL MEASUREMENTS
ARE IN MILLIMETERS.
e
S
B1
A1
Q
Q1
Q2
C
H
e1
A
T
D
B
E



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com