Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IRU1010CD Datasheet(PDF) 7 Page - International Rectifier

Part # IRU1010CD
Description  1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1010CD Datasheet(HTML) 7 Page - International Rectifier

Back Button IRU1010CD Datasheet HTML 2Page - International Rectifier IRU1010CD Datasheet HTML 3Page - International Rectifier IRU1010CD Datasheet HTML 4Page - International Rectifier IRU1010CD Datasheet HTML 5Page - International Rectifier IRU1010CD Datasheet HTML 6Page - International Rectifier IRU1010CD Datasheet HTML 7Page - International Rectifier IRU1010CD Datasheet HTML 8Page - International Rectifier IRU1010CD Datasheet HTML 9Page - International Rectifier IRU1010CD Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRU1010
7
Rev. 1.7
02/03/03
www.irf.com
(P) Ultra Thin-PakTM
2-Pin
NOTE: ALL MEASUREMENTS
ARE IN MILLIMETERS.
SYMBOL
A
A1
B
C
D
E
G
G1
H
K
L
M
N
P
R
U
V
MIN
5.91
5.54
6.02
1.70
0.63
0.17
2.16
4.45
9.42
0.76
0.02
0.89
0.25
0.94
2
8
2.92
MAX
6.17
5.79
6.27
2.03
0.79
0.33
2.41
4.70
9.68
1.27
0.13
1.14
0.25
1.19
6
8
3.30
5.08 NOM
A
E
M
L
N
U
C
B
K
P
V
H
G
D
R
L
C
A1
G1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com