Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VSC7182 Datasheet(PDF) 9 Page - Vitesse Semiconductor Corporation

Part # VSC7182
Description  Quad Transceiver for Gigabit Ethernet and Fibre Channel
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7182 Datasheet(HTML) 9 Page - Vitesse Semiconductor Corporation

Back Button VSC7182 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC7182 Datasheet HTML 13Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
®
Advance Product Information
VSC7182
Quad Transceiver
for Gigabit Ethernet and Fibre Channel
G52307-0, Rev 2.2
Page 9
10/10/00
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
DC Characteristics
NOTE: (1) Refer to Application Note, AN-37, for differential measurement techniques.
Parameters
Description
Min.
Typ
Max.
Units
Conditions
TTL Outputs
VOH
TTL output HIGH voltage
2.4
V
IOH = -1.0mA
VOL
TTL output LOW voltage
0.5
V
IOL = +1.0mA
IOZ
TTL output Leakage current
50
µA
When set to high-impedance
state through JTAG.
TTL Inputs
VIH
TTL input HIGH voltage
2.0
5.5
V
5V tolerant inputs
VIL
TTL input LOW voltage
0
0.8
V
IIH
TTL input HIGH current
50
500
µA
VIN = 2.4V
IIL
TTL input LOW current
-500
µA
VIN = 0.5V
PECL Input (RFC+/RFC-)
VIH
PECL input HIGH voltage
VDD -
1.1
VDD -
0.7
V
VIL
PECL input LOW voltage
VDD -
2.0
VDD -
1.5
V
IIH
PECL input HIGH current
200
µA
VIN = VIH(MAX)
IIL
PECL input LOW current
- 50
µA
VIN = VIL(MIN)
∆V
IN
PECL input differential peak-to-
peak voltage swing
400
mV
VIH(MIN) - VIL(MAX)
High Speed Outputs
V
OUT75
(1)
TX output differential peak-
to-peak voltage swing
1200
2200
mVp-
p
75
to V
DD – 2.0 V
(TX+) - (TX-)
V
OUT50
(1)
TX output differential peak-
to-peak voltage swing
1000
2200
mVp-
p
50
to V
DD – 2.0 V
(TX+) - (TX-)
High-Speed Inputs
∆V
IN
(1)
PECL differential peak-to-peak
input voltage swing
200
2600
mV
SI+ - SI-
Miscellaneous
VDD
Power supply voltage
3.14
3.47
V
3.3V + 5%
PD
Power dissipation
2.2
2.67
W
Maximum at 3.47V, outputs
open, 25
o
C, 136MHz Clk,
PRBS 2
7-1 parallel input pattern
IDD
Supply current (all supplies)
770
mA
IDDA
Supply current on VDDA
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com