Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZL30102 Datasheet(PDF) 48 Page - Zarlink Semiconductor Inc

Part # ZL30102
Description  T1/E1 Stratum 4/4E Redundant System Clock Synchronizer for DS1/E1 and H.110
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL30102 Datasheet(HTML) 48 Page - Zarlink Semiconductor Inc

Back Button ZL30102 Datasheet HTML 42Page - Zarlink Semiconductor Inc ZL30102 Datasheet HTML 43Page - Zarlink Semiconductor Inc ZL30102 Datasheet HTML 44Page - Zarlink Semiconductor Inc ZL30102 Datasheet HTML 45Page - Zarlink Semiconductor Inc ZL30102 Datasheet HTML 46Page - Zarlink Semiconductor Inc ZL30102 Datasheet HTML 47Page - Zarlink Semiconductor Inc ZL30102 Datasheet HTML 48Page - Zarlink Semiconductor Inc ZL30102 Datasheet HTML 49Page - Zarlink Semiconductor Inc ZL30102 Datasheet HTML 50Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
ZL30102
Data Sheet
48
Zarlink Semiconductor Inc.
* Supply voltage and operating temperature are as per Recommended Operating Conditions.
Performance Characteristics* - Unfiltered Jitter Generation
Characteristics
Max.
[nspp]
Notes
1
C1.5o (1.544 MHz)
0.45
2
C2o (2.048 MHz)
0.47
3
C3o (3.088 MHz)
0.53
4C4o (4.096 MHz)
0.42
5
C6o (6.312 MHz)
0.58
6
C8o (8.192 MHz)
0.42
7
C16o (16.384 MHz)
0.56
8
C32o (32.768 MHz)
0.46
9
C65o (65.536 MHz)
0.49
10
F4o (8 kHz)
0.43
11
F8o (8 kHz)
0.43
12
F16o (8 kHz)
0.44
13
F32o (8 kHz)
0.43
14
F65o (8 kHz)
0.46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com