Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ZL30102 Datasheet(PDF) 26 Page - Zarlink Semiconductor Inc

Part # ZL30102
Description  T1/E1 Stratum 4/4E Redundant System Clock Synchronizer for DS1/E1 and H.110
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL30102 Datasheet(HTML) 26 Page - Zarlink Semiconductor Inc

Back Button ZL30102 Datasheet HTML 22Page - Zarlink Semiconductor Inc ZL30102 Datasheet HTML 23Page - Zarlink Semiconductor Inc ZL30102 Datasheet HTML 24Page - Zarlink Semiconductor Inc ZL30102 Datasheet HTML 25Page - Zarlink Semiconductor Inc ZL30102 Datasheet HTML 26Page - Zarlink Semiconductor Inc ZL30102 Datasheet HTML 27Page - Zarlink Semiconductor Inc ZL30102 Datasheet HTML 28Page - Zarlink Semiconductor Inc ZL30102 Datasheet HTML 29Page - Zarlink Semiconductor Inc ZL30102 Datasheet HTML 30Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
ZL30102
Data Sheet
26
Zarlink Semiconductor Inc.
The mode selection state machine behaves differently in Automatic mode in that when both reference REF0 and
reference REF1 are out of range (REF_OOR=1), the state machine will select the Holdover state. In Normal mode
the reference out of range (REF_OOR) status is ignored by the state machine. This is illustrated in Figure 14.
Figure 14 - Mode Switching in Automatic Mode
4.5.2.1
Automatic Reference Switching - Coarse Reference Failure
When the currently-active input reference in Automatic mode fails in a coarse manner, the REF_DIS internal signal
places the device in holdover, with the HOLDOVER pin and the REF_FAIL pin asserted. This can occur through
triggering the Single Cycle Monitor, or the Coarse Frequency Monitor, in the Reference Monitor block. If the
reference does not correct itself within the lock-disqualify duration (1 second) the LOCK pin is de-asserted. If the
reference does not correct itself within the reference-disqualify duration (2.5 seconds) the HOLDOVER pin is de-
asserted and the REF_SEL outputs indicate that the device has switched to the other reference. The LOCK pin
remains de-asserted for the full lock-time duration, regardless of the phase and frequency offset of the old and new
references. Figure 15 illustrates this process.
If the reference corrects itself within the lock-disqualify duration (< 1 second) the HOLDOVER pin is de-asserted,
and the REF_FAIL pin is de-asserted. The LOCK pin remains asserted. No reference switching takes place, and
the REF_SEL outputs indicate that the device has remained locked to the old reference.
If the reference does not correct itself within the lock-disqualify duration (1 second), but does correct itself within the
reference-disqualify duration (< 2.5 seconds) the HOLDOVER pin is de-asserted, the REF_FAIL pin is de-asserted,
and the REF_SEL outputs indicate that the device has remained locked to the old reference. However the LOCK
pin is de-asserted, the lock-qualify timer is reset, and the LOCK pin remains de-asserted for the full lock-time
duration. See 7.2, “Performance Characteristics“ on page 46 for lock-time duration.
REF_DIS=1: Current selected reference disrupted (see Figure 3). REF_DIS is an internal signal.
REF_OOR=1: Current selected reference out of range (see Figure 3). REF_OOR is an internal signal.
REF_CH= 1: Reference change, a transition in the reference selection (see Figure 13). REF_CH is an internal signal.
TIE Correction
(HOLDOVER=1)
Holdover
(HOLDOVER=1)
REF_DIS=0
REF_CH=1
REF_DIS=1
(REF_DIS=0 and REF_OOR=0 and HMS=1)
RST
Normal
(HOLDOVER=0)
and REF_OOR=0
or REF_OOR=1
or REF_CH=1
REF_DIS=0 and REF_OOR=0
and REF_CH=0 and HMS=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com