Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3367 Datasheet(PDF) 8 Page - Lowpower Semiconductor inc

Part # LP3367
Description  1A Buck/Boost Charge Pump LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3367 Datasheet(HTML) 8 Page - Lowpower Semiconductor inc

Back Button LP3367 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 9Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LP3367-02
Feb.-2011
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 8 of 10
Preliminary Datasheet
LP3367
Function Description
The LP3367 Buck/Boost charge pump is designed
for converting a Li-Ion battery voltage of 2.7V to 4.2V
to drive a white LED used in digital still camera Flash
and Torch applications. The LP3367 has two modes
(Torch and Flash). Torch mode can be used
continuously at a lower output current than Flash and
is often used for several seconds in a digital still
camera “movie” mode. Flash mode is usually used
with a pulse of about 200 to 300 milliseconds to
generate a high intensity Flash.
The LP3367 also has two modes of operation to
control the output current. The 1x mode and 2x mode.
Operation begins after the enable pin EN receives a
logic high, then LP3367 starts in the 1x mode, which
acts like a linear regulator to control the output
current by continuously monitoring the feedback pin
FB. In 1x mode, if the LP3367 auto detects a dropout
condition, which is when the FB pin is below the
regulation print for more than 32 cycles of the internal
clock, the LP3367 automatically switches to the 2x
mode. The LP3367 remains in the 2x mode until one
of four things happens: 1.the enable pin EN has
been toggled, 2.the Flash pin has changed from high
to low. 3.Vin is cycled or, 4.a thermal fault occurs.
The 2x mode is the charge pump mode where the
output can be pumped as high as two times the input
voltage, provided the output does not exceed the
maximum voltage for the LP3367, which is internally
limited to about 5.5V. In the 2x mode, as in the 1x
mode, the output current is regulated by the voltage
at the FB pin.
In the TORCH mode (FLASH=GND), the FLASH pin
is set to logic low and the LP3367 FB pin regulates to
50mV output:
VFB=50mV (Touch mode)
In the FLASH mode, (FALSH=VIN), the FB
regulation voltage is set by the external resistor
(RSET) connected between the RSET pin and
SGND and the equation:
VFB=1.26×11.2kΩ/RSET,(Flash mode)
Where 1.26V is the internal band gap reference
voltage and 11.2kΩ is an internal resistance used to
scale the RSET current. Typical values of RSET are
40kΩ to 180kΩ for a range of VFB=300mV to 75mV
in Flash mode.
The output current is then set in either Flash or Torch
mode by the equation:
IOUT= VFB/RSENSE
Flash Timeout Protection
Due to the high currents typically available in Flash
mode, it is necessary to protect the white LED from
damage if left on too long. The LP3367 has a timeout
in Flash mode of approximately 1.6 seconds after
which it will shut down operation. Operation will not
begin again in Flash mode until the EN pin or FLASH
pin have been set Low and then High again.
Over-Voltage Protection
The Over-Voltage Protection monitors the output
voltage. When the output voltage rises above 5.5V,
the Over-Voltage Protection shuts off all of the output
switches to prevent the output voltage from rising
further. When the output decreases below 5.5V, the
device resumes normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com