Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3367 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP3367
Description  1A Buck/Boost Charge Pump LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3367 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP3367 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LP3367-02
Feb.-2011
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 10
Preliminary Datasheet
LP3367
Functional Pin Description
Package Type
Pin Configurations
TDFN-10
VIN
C1
C2
FLASH
EN
VOUT
PGND
SGND
FB
RSET
1
2
3
4
5
6
7
8
9
10
Pin Description
Pin
Name
Description
1
VIN
Input voltage for the charge pump, Decouple with 1uF ceramic capacitor close to the pins of
the IC.
2
C1
Positive input for the external flying capacitor. Connect a ceramic 1uF capacitor close to the
pins of the IC.
3
C2
Negative input for the external flying capacitor. Connect a ceramic 1uF capacitor close to
the pins of the IC.
4
FLASH
Logic input to toggle operation between FLASH and TORCH mode. In TORCH mode FB is
regulated to the internal 50mV reference. In FLASH mode FB reference voltage can be
adjusted by changing the resistor from RSET pin to ground. Choose the external current
sense resistor (RSENSE ) based on desired current in TORCH mode and FLASH mode.
5
EN
Shutdown control Input. Connect to VIN for normal operation, connect to ground for
shutdown.
6
RSET
Connect a resistor from this pin to ground, When in FLASH mode ( FLASH = High ) this
resistor sets the current regulation point according to the following: VFB = ( 1.26V
/RSET )×11.2kΩ
7
FB
Feedback input for the current control loop. Connect directly to the current sense resistor.
8
SGND
Internal ground pin. Control circuitry returns current to this pin.
9
PGND
Power ground pin. Flying capacitor current returns through this pin.
10
VOUT
Charge pump output voltage. Decouple with an external capacitor. At least 1uF is
recommended. If Higher value capacitor is used output ripple is smaller.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com