Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3367 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3367
Description  1A Buck/Boost Charge Pump LED Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3367 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3367 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3367 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LP3367-02
Feb.-2011
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 10
Preliminary Datasheet
LP3367
1A Buck/Boost Charge Pump LED Driver
General Description
The LP3367 buck/boost charge pump LED driver is
designed for powering high brightness white LEDs for
camera flash applications. The LP3367 automatically
switches modes between step-up and step-down
ensuring that LED current does not depend on the
forward voltage. The LP3367 provides two current
levels for TORCH and FLASH modes. In TOUCH
mode, The LED current sense reference voltage is
50mV. The LED current can be determined by current
sense resistor. In FLASH mode, the current sense
reference voltage can be adjusted by external resistor.
The maximum LED current can be set up to 1A. The
LP3367 is available in a 10-lead 3mm*3mm TDFN-10
package and is rated over the -40°C to 85°C
temperature range.
Order Information
LP3367 □ □ □ □
F: Pb-Free
Package Type
QV: TDFN-10
Output type
Default: 500mA
A: 1000mA
Features
Input Voltage Range: 2.7V to 5.5V
Adjustable FLASH Mode Current
Output Current up to 1A
Up to 95% Efficiency in TORCH Mode
Automatic Buck/Boost Mode Switchover
Minimum External Components: No Inductors
<1uA Quiescent Current
2 MHz High Frequency Operation
50mV Reference for Low Loss Sensing
PWM Dimming Control
Automatic Soft Start Limits Inrush Current
Over-Voltage Protection
Over-Current protection
Thermal Fault Protection
Low Ripple and EMI
Ultra-Low Dropout Voltage in Buck Mode
1.6 Second Timeout in FLASH Mode
3mm×3mm TDFN-10 Package
RohS Compliant and 100% Lead (Pb)-Free
Applications
WLED Backlight driver
OLED Backlight driver
PDA
MID/PTV
Marking information
Device
Marking
Package
Shipping
LP3367
LPS
LP3367
XXXX
TDFN-10
3K/REEL
Y: Year code. W: Weeks code. X: Series number code.


Similar Part No. - LP3367

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3360 POWER-LP3360 Datasheet
225Kb / 6P
4-Channel Constant Current White LED Driver
LP3360-B6F POWER-LP3360-B6F Datasheet
225Kb / 6P
4-Channel Constant Current White LED Driver
logo
Siemens Semiconductor G...
LP3360-GK SIEMENS-LP3360-GK Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LP3360-H SIEMENS-LP3360-H Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LP3360-HL SIEMENS-LP3360-HL Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
More results

Similar Description - LP3367

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6686 SIPEX-SP6686 Datasheet
261Kb / 13P
400mA Buck/Boost Charge Pump LED Driver
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
SP6685 SIPEX-SP6685_06 Datasheet
278Kb / 16P
700mA Buck/Boost Charge Pump LED Driver
logo
Kingbor Technology Co
KB3386 KINGBOR-KB3386 Datasheet
192Kb / 8P
400mA Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP6685 EXAR-SP6685 Datasheet
565Kb / 14P
700mA Buck/Boost Charge Pump LED Driver
SP6686 EXAR-SP6686 Datasheet
640Kb / 12P
400mA Buck/Boost Charge Pump LED Driver
SP7685 EXAR-SP7685 Datasheet
267Kb / 12P
1.2A Buck/Boost Charge Pump LED Driver
SP6686ER-L-TR EXAR-SP6686ER-L-TR Datasheet
640Kb / 13P
400mA Buck/Boost Charge Pump LED Driver
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
1.2A Buck/Boost Charge Pump LED Driver
logo
Shenzhen Huazhimei Semi...
HM3251 HMSEMI-HM3251 Datasheet
425Kb / 8P
1A Buck/Boost Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com