Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP4061 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP4061
Description  800mA Standalone Linear Li-Ion Battery Charger with Dual LED Display
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4061 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP4061 Datasheet HTML 1Page - Lowpower Semiconductor inc LP4061 Datasheet HTML 2Page - Lowpower Semiconductor inc LP4061 Datasheet HTML 3Page - Lowpower Semiconductor inc LP4061 Datasheet HTML 4Page - Lowpower Semiconductor inc LP4061 Datasheet HTML 5Page - Lowpower Semiconductor inc LP4061 Datasheet HTML 6Page - Lowpower Semiconductor inc LP4061 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LP4061-02
Mar.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 7
Preliminary Datasheet
LP4061
Functional Pin Description
Package Type
Pin Configurations
SOT23-6
1
2
3
6
4
VCC
PROG
GND
BAT
SOT23-6
TOP VIEW
5
Pin Description
Pin
Name
Description
1
STAT1
Open-Drain Charge Status Output. When the battery is charging, the STAT pin is pulled low by an
internal N-channel MOSFET. When the charge cycle is completed, the pin is pulled High.
2
GND
Ground.
3
BAT
Charge Current Output. Provides charge current to the battery and regulates the final float voltage
to 4.2V. An internal precision resistor divider from this pin sets the float voltage which is
disconnected in shutdown mode.
4
VCC
Positive Input Supply Voltage. It provides power to the charger. VCC can range from 4.35V to
6.5V and should be bypassed with at least a 1µF capacitor.
5
STAT2
Open-Drain Charge Status Output. When the battery is charging, the STAT pin is pulled High by
an internal N-channel MOSFET. When the charge cycle is completed, the pin is pulled Low.
6
PROG
Charge Current Program, Charge Current Monitor and Shutdown Pin. The charge current is
programmed by connecting a 1% resistor to ground(RPROG).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com