Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP4061 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP4061
Description  800mA Standalone Linear Li-Ion Battery Charger with Dual LED Display
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4061 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP4061 Datasheet HTML 1Page - Lowpower Semiconductor inc LP4061 Datasheet HTML 2Page - Lowpower Semiconductor inc LP4061 Datasheet HTML 3Page - Lowpower Semiconductor inc LP4061 Datasheet HTML 4Page - Lowpower Semiconductor inc LP4061 Datasheet HTML 5Page - Lowpower Semiconductor inc LP4061 Datasheet HTML 6Page - Lowpower Semiconductor inc LP4061 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LP4061-02
Mar.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 7
Preliminary Datasheet
LP4061
Application Information
The LP4061 is a single cell lithium-ion battery charger using a
constant-current/constant-voltage algorithm. It can deliver up
to 800mA of charge current (using a good thermal PCB layout)
with a final float voltage accuracy of ±1%. The LP4061
includes an internal P-channel power MOSFET and thermal
regulation circuitry. No blocking diode or external current
sense resistor is required; thus, the basic charger circuit
requires only two external components. Furthermore, the
LP4061 is capable of operating from a USB power source.
Normal Charge Cycle
A charge cycle begins when the voltage at the VCC pin rises
above the UVLO threshold level and a 1% program resistor is
connected from the PROG pin to ground or when a battery is
connected to the charger output. If the BAT pin is less than
2.9V, the charger enters trickle charge mode. In this mode,
the LP4055 supplies fixed 30mA current to bring the battery
voltage up to a safe level for full current charging.
When the BAT pin voltage rises above 2.9V, the charger
enters constant-current mode, where the programmed charge
current is supplied to the battery. When the BAT pin
approaches the final float voltage, the LP4061 enters
constant-voltage mode and the charge current begins to
decrease. The charge cycle ends when the charge current
drops to 1/10 of the programmed value.
Programming Charge Current
The charge current is programmed using a single resistor
from the PROG pin to ground. The battery charge current is
1000 times the current out of the PROG pin. The program
resistor and the charge current are calculated using the
following equations:
RPROG=1000V/IBAT
IBAT=1000V/RPROG
The charge current out of the BAT pin can be determined at
any time by monitoring the PROG pin voltage using the
following equation:
IBAT=VPROG/RPROG×1000
Charge Termination
A charge cycle is terminated when the charge current falls to
1/10th the PROG rammed value after the final float voltage is
reached. This condition is detected by using an internal,
filtered comparator to monitor the PROG pin. When the
PROG pin voltage falls below 200mV for longer than
tTERM(typically 1ms), charging is terminated. The charge
current is latched off and the LP28056S enters standby mode,
where the input supply current drops to 200µA. In this state,
all loads on the BAT pin must be supplied by the battery.
(Note: C/10 termination is disabled in trickle charging and
thermal limiting modes).
Charge Status Indicator (STAT)
The charge status output has two different states: strong
pull-down (~5mA) and high impedance. The strong pull-down
state indicates that the LP4061 is in a charge cycle. Once the
charge cycle has terminated, the pin state is determined by
under voltage lockout conditions. High impedance indicates
that the LP4061 is in under voltage lockout mode: either VCC
is less than 100mV above the BAT pin voltage or insufficient
voltage is applied to the VCC pin. A microprocessor can be
used to distinguish between these two states
Function
STAT1
STAT2
Charging
Low
High
Charge Completed
High
Low
Charge Termination
An internal thermal feedback loop reduces the programmed
charge current if the die temperature attempts to rise above a
preset value of approximately 150℃. This feature protects the
LP4061 from excessive temperature and allows the user to
push the limits of the power handling capability of a given
circuit board without risk of damaging the LP4061. The charge
current can be set according to typical (not worst-case)
ambient temperature with the assurance that the charger will
automatically reduce the current in worst-case conditions.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com