Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP4061 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP4061
Description  800mA Standalone Linear Li-Ion Battery Charger with Dual LED Display
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4061 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP4061 Datasheet HTML 1Page - Lowpower Semiconductor inc LP4061 Datasheet HTML 2Page - Lowpower Semiconductor inc LP4061 Datasheet HTML 3Page - Lowpower Semiconductor inc LP4061 Datasheet HTML 4Page - Lowpower Semiconductor inc LP4061 Datasheet HTML 5Page - Lowpower Semiconductor inc LP4061 Datasheet HTML 6Page - Lowpower Semiconductor inc LP4061 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LP4061-02
Mar.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 7
Preliminary Datasheet
LP4061
Function Block Diagram
1
1
5
6
2
3
4
TA
145℃
TDIE
TTEMP
TTEMP
SCHMITT
45%VIN
CA
MA
VA
C1
C2
C3
REF
1.22V
STAT1
STAT2
SHDN
TO BAT
2.9V
VCC
3μA
R3
1V
R4
0.1V
R5
PROG
GND
R2
R1
BAT
VCC
5μA
1200X
1X
+
+
+
+
+
+
-
-
-
-
-
-
Absolute Maximum Ratings
Note 1
Input to GND(VCC) ------------------------------------------------------------------------------------------------------------------ -0.3V to 8V
BAT to GND ----------------------------------------------------------------------------------------------------------------------------- -0.3V to 8V
Other Pin to GND --------------------------------------------------------------------------------------------------------------------- -0.3V to 6V
BAT Short-circuit Duration --------------------------------------------------------------------------------------------------------- Continuous
Operation Temperature Range ----------------------------------------------------------------------------------------------- --40℃ to 85℃
Junction Temperature ---------------------------------------------------------------------------------------------------------------------- 150℃
Storage Temperature ----------------------------------------------------------------------------------------------------------- -45℃ to 125℃
Lead Temp (Soldering,10sec) ------------------------------------------------------------------------------------------------------------ 260℃
Note
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Thermal Information
Maximum Power Dissipation (SOT23-5, PD, TA=25℃) --------------------------------------------------------------------------- 0.45W
Thermal Resistance (SOT23-5, θJA) ----------------------------------------------------------------------------------------------- 250℃/W
ESD Susceptibility
HBM(Human Body Mode) ------------------------------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) -------------------------------------------------------------------------------------------------------------------------- 200V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com