Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP6304B Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP6304B
Description  Buck 2A, 4-Channel Power Management IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6304B Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP6304B Datasheet HTML 1Page - Lowpower Semiconductor inc LP6304B Datasheet HTML 2Page - Lowpower Semiconductor inc LP6304B Datasheet HTML 3Page - Lowpower Semiconductor inc LP6304B Datasheet HTML 4Page - Lowpower Semiconductor inc LP6304B Datasheet HTML 5Page - Lowpower Semiconductor inc LP6304B Datasheet HTML 6Page - Lowpower Semiconductor inc LP6304B Datasheet HTML 7Page - Lowpower Semiconductor inc LP6304B Datasheet HTML 8Page - Lowpower Semiconductor inc LP6304B Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LP6304B-01
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 12
Preliminary Datasheet
LP6304B
Application Circuit
LX1
FB1
LX2
FB2
LX3
FB3
LX4
FB4
VIN1
VIN2
VIN3
VIN4
EN1
EN2
EN3
EN4
GND1
GND2
GND3
GND4
VIN
5V
C1
10μF
C2
10μF
C3
10μF
C4
10μF
C6
22μF
C7
22μF
C8
22μF
C9
22μF
C10
OPTIONAL
C11
OPTIONAL
C12
OPTIONAL
C13
OPTIONAL
L1
2.2μH
L2
2.2μH
L3
2.2μH
L4
2.2μH
R1
100KΩ
R2
100KΩ
R3
100KΩ
R4
100KΩ
R5
200KΩ
R6
100KΩ
R7
453KΩ
R8
100KΩ
Vout4
3.3V/2A
Vout3
1.8V/2A
Vout2
1.2V/2A
Vout1
1.2V/2A
ON
ON
ON
ON
OFF
OFF
OFF
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com