Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP6312 Datasheet(PDF) 8 Page - Lowpower Semiconductor inc

Part # LP6312
Description  Buck 2A, 2-Channel Power Management IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6312 Datasheet(HTML) 8 Page - Lowpower Semiconductor inc

Back Button LP6312 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 10Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 11Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 12Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LP6312-02
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 8 of 12
Preliminary Datasheet
LP6312
Functional Description
PFM/PWM Operation
Each of the buck regulators can be operated at
PFM/PWM mode. If the output current is less than
150mA (typ.), the regulators automatically enters the
PFM mode. The output voltages and output ripples
at PFM mode are higher than the output voltages
and output ripples at PWM mode. But at very light
load, the PFM mode operation provides higher
efficiency than PWM mode operation.
Enable Control
The LP6312 is a high efficiency Power Management
IC which is designed for IPC and OTT applications.
It incorporates four 2A synchronous buck regulators
and can be controlled by individual EN pins. The
start-up time for each channel can be programmed
by using the circuit shown as below:
VIN
EN
GND
100kΩ
10nF~100nF
VIN
5V
Over Current Protection
The LP6312 internal four regulators have their own
cycle-by-cycle current limit circuits.
When the
inductor peak current exceeds the current limit
threshold, the output voltage starts to drop until FB
pin voltage is below the threshold, typically 30%
below the reference.
Thermal Shutdown
The LP6312 will automatically disable if the die
temperature is higher than the thermal shutdown
threshold point. To avoid unstable operation, the
hysteresis of thermal shutdown is about 20°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com