Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP6312 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6312
Description  Buck 2A, 2-Channel Power Management IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6312 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6312 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LP6312-02
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 12
Preliminary Datasheet
LP6312
Buck 2A, 2-Channel Power Management IC
General Description
The LP6312 is a 2A buck converter of 2-CH power
management IC for applications powered by one
Li-Ion battery or a DC 5V adapter. It integrates four
synchronous buck converters and can provide high
efficiency output at light load and heavy load
operation. The internal compensation architecture
simplifies the application circuit design. Besides, the
independent enable control makes the designer have
the greatest flexibility to optimize timing for power
sequencing purposes.
The LP6312 is available in a 10 pin DFN-10 package.
Order Information
LP6312 □ □ □
F: Pb/Halogen-Free
Package Type
QV: TDFN-10
Applications
Smart Phone
IP Camera
OTT
Digital Camera
Features
2.7V to 5.5V Input Voltage Range
Four Buck Converters
Output Voltage Range: 0.6V to Vin
Continuous Loading: 2A (Buck1), 2A (Buck2)
Fixed 1.5MHz Switching Frequency
100% Duty Cycle Low Dropout Operation
<1uA Shutdown Current
Independent Enable Control
Internal Compensation
Cycle-by-Cycle Current Limit
Short Circuit Protection
Auto Recovery OTP Protection
Available in 10-pin DFN Package
Marking Information
Device
Marking
Package
Shipping
LP6312
LPS
LP6312
XXXX
TDFN3X3
3K/REEL
Note: X is series number.


Similar Part No. - LP6312

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6301 POWER-LP6301 Datasheet
920Kb / 7P
1.5MHz, 1.5A Step-down Converter With Soft-Start
LP6301-12QVF POWER-LP6301-12QVF Datasheet
920Kb / 7P
1.5MHz, 1.5A Step-down Converter With Soft-Start
LP6301-18QVF POWER-LP6301-18QVF Datasheet
920Kb / 7P
1.5MHz, 1.5A Step-down Converter With Soft-Start
LP6301-33QVF POWER-LP6301-33QVF Datasheet
920Kb / 7P
1.5MHz, 1.5A Step-down Converter With Soft-Start
LP6301-AQVF POWER-LP6301-AQVF Datasheet
920Kb / 7P
1.5MHz, 1.5A Step-down Converter With Soft-Start
More results

Similar Description - LP6312

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3842 FUJITSU-MB3842 Datasheet
146Kb / 19P
Power Management 2-ch Switch IC
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65232 TI1-TPS65232 Datasheet
1Mb / 31P
TRIPLE BUCK POWER MANAGEMENT IC
logo
Active-Semi, Inc
ACT8810 ACTIVE-SEMI-ACT8810_14 Datasheet
766Kb / 54P
Eight Channel ActivePathTM Power Management IC
Rev 9, 15-Nov-12
ACT8828 ACTIVE-SEMI-ACT8828_14 Datasheet
719Kb / 51P
Six Channel ActivePathTM Power Management IC
Rev 7, 15-Nov-12
logo
Texas Instruments
TPS65232 TI1-TPS65232_16 Datasheet
1Mb / 32P
TRIPLE BUCK POWER MANAGEMENT IC
logo
Lowpower Semiconductor ...
LP6303 POWER-LP6303 Datasheet
990Kb / 11P
Buck 2A, 3-Channel Power Management IC
LP6304B POWER-LP6304B Datasheet
995Kb / 12P
Buck 2A, 4-Channel Power Management IC
logo
SHENZHEN FUMAN ELECTRON...
TC1482 FUMAN-TC1482 Datasheet
178Kb / 4P
2A/12V Synchronous Rectifier Buck IC
logo
Shenzhen Huazhimei Semi...
HM4095 HMSEMI-HM4095 Datasheet
1Mb / 8P
Buck-Boost Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com