Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP6312 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6312
Description  Buck 2A, 2-Channel Power Management IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6312 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6312 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6312 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LP6312-02
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 12
Preliminary Datasheet
LP6312
Functional Pin Description
Package Type
Pin Configurations
TDFN-10
VIN1
LX1
GND1
EN2
FB2
VIN2
LX2
GND2
EN1
FB1
1
2
3
4
5
6
7
8
9
10
Pin Description
Pin
Name
Description
1
VIN1
Supply Input Power.
2
LX1
Switch Mode Connection to Inductor. This pin connects to the drains of the internal main
and synchronous power MOSFET switches.
3
GND1
Common Ground.
4
EN2
Chip Enable.
5
FB2
Feedback Reference Voltage Pin.
6
VIN2
Supply Input Power.
7
LX2
Switch Mode Connection to Inductor. This pin connects to the drains of the internal main
and synchronous power MOSFET switches.
8
GND2
Common Ground.
9
EN1
Chip Enable.
10
FB1
Feedback Reference Voltage Pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com