Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2188 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2188
Description  Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step Down Switchers With Auto Output Discharge
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2188 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2188 Datasheet HTML 1Page - Monolithic Power Systems MP2188 Datasheet HTML 2Page - Monolithic Power Systems MP2188 Datasheet HTML 3Page - Monolithic Power Systems MP2188 Datasheet HTML 4Page - Monolithic Power Systems MP2188 Datasheet HTML 5Page - Monolithic Power Systems MP2188 Datasheet HTML 6Page - Monolithic Power Systems MP2188 Datasheet HTML 7Page - Monolithic Power Systems MP2188 Datasheet HTML 8Page - Monolithic Power Systems MP2188 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MP2188 – DUAL 3A, 5.5V, 1.2MHz, SYNCHRONOUS STEP-DOWN SWITCHER
MP2188 Rev. 1.01
www.MonolithicPower.com
4
2/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5V, TJ=-40°C to +125°C, typical value is tested at TJ = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
2.5V ≤ VIN ≤ 5.5V, TJ=25
oC
-1.5%
0.600 +1.5%
Internal Feedback Voltage
VFB
-2%
+2%
V/%
1.1V rail, TJ=25
oC
-1.5%
1.1
+1.5%
Fixed Output Voltage
Vo
1.8V rail, TJ=25
oC
-1.5%
1.8
+1.5%
V/%
PFET Switch ON Resistance
RDSON_P
60
mΩ
NFET Switch ON Resistance
RDSON_N
30
mΩ
Switch Leakage
VEN1 or 2 = 0V, VIN = 5V
VSW1 or 2 = 0V and 5V, TJ=25
oC
0.1
2
μA
PFET Current Limit
(5)
4.7
5.3
A
VIN=5V, VOUT1 =1.1V
183
ON Time
tON
VIN=5V, VOUT 2=1.8V
300
ns
Switching frequency
fs
VIN=5V, VOUT1 =1.1V, IOUT1 =1A
VIN=5V, VOUT2 =1.8V, IOUT2 =1A,
TJ=25
oC
-20%
1200
+20%
kHz
Minimum OFF Time
tMIN-OFF
50
ns
Soft-Start Time
tSS-ON
1.3
ms
Soft-Stop Time
tSS-OFF
1
ms
Power-Good Upper Trip Threshold
PGH
FB voltage with respect to the
regulation
+10%
%
Power-Good Lower Trip Threshold
PGL
-10%
%
Power-Good Delay
PGD
110
μs
Power-Good Sink Current
Capability
VPG-L
Sink 1mA
0.4
V
Power Good Logic High Voltage
VPG-H
VIN=5V
4.9
V
Power Good Internal Pull-Up
Resistor
RPG
500
kΩ
Under-Voltage Lockout Threshold
Rising
2.0
2.2
2.4
V
Under-Voltage Lockout Threshold
Hysteresis
150
mV
EN Input Logic Low Voltage
0.4
V
EN Input Logic High Voltage
1.2
V
VEN1 or 2=2V
2
μA
EN Input Current
VEN1 or 2=0V
0.1
μA
Supply Current (Shutdown)
VEN1 or 2=0V
0.1
μA
Supply Current (Quiescent)
VEN=2V, VIN=3.6V, Both channel
on
80
μA
Thermal Shutdown
(6)
150
°C
Thermal Hysteresis
(6)
30
°C
Notes:
5) Guaranteed by engineering sample characterization.
6) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com