Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2188 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2188
Description  Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step Down Switchers With Auto Output Discharge
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2188 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2188 Datasheet HTML 5Page - Monolithic Power Systems MP2188 Datasheet HTML 6Page - Monolithic Power Systems MP2188 Datasheet HTML 7Page - Monolithic Power Systems MP2188 Datasheet HTML 8Page - Monolithic Power Systems MP2188 Datasheet HTML 9Page - Monolithic Power Systems MP2188 Datasheet HTML 10Page - Monolithic Power Systems MP2188 Datasheet HTML 11Page - Monolithic Power Systems MP2188 Datasheet HTML 12Page - Monolithic Power Systems MP2188 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
MP2188 – DUAL 3A, 5.5V, 1.2MHz, SYNCHRONOUS STEP-DOWN SWITCHER
MP2188 Rev. 1.01
www.MonolithicPower.com
9
2/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTION
QFN16
Pin #
Name
Description
1
PG1
Power Good Indicator of channel 1. The output of this pin is an open drain with an internal
pull up resistor to VIN1. PG1 is pulled up to VIN1 when the FB1 voltage is within 10% of
the regulation level. If the FB1 voltage is out of that regulation range, it is LOW.
2
EN1
On/Off Control of channel 1.
3
FB1
Internal FB point of channel 1. Floating FB1 PIN will get pre-set fixed output voltage.
4
OUT2
Input Sense of channel 2. For output voltage sense.
5, 6,
13, 14
GND
Power Ground.
7
SW2
Switch Output of channel 2.
8
VIN2
Supply Voltage of channel 2. The MP2188 operates from a +2.5V-to-+5.5V unregulated
input.
9
PG2
Power Good Indicator of channel 2. The output of this pin is an open drain with an internal
pull up resistor to VIN2. PG2 is pulled up to VIN2 when the FB2 voltage is within 10% of
the regulation level. If the FB2 voltage is out of that regulation range, it is LOW.
10
EN2
On/Off Control of channel 2.
11
FB2
Internal FB point of channel 2. Floating FB2 PIN will get pre-set fixed output voltage.
12
OUT1
Input Sense of channel 1. For output voltage sense.
15
SW1
Switch Output of channel 1.
16
VIN1
Supply Voltage of channel 1. The MP2188 operates from a +2.5V-to-+5.5V unregulated
input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com