Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2188 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2188
Description  Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step Down Switchers With Auto Output Discharge
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2188 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2188 Datasheet HTML 3Page - Monolithic Power Systems MP2188 Datasheet HTML 4Page - Monolithic Power Systems MP2188 Datasheet HTML 5Page - Monolithic Power Systems MP2188 Datasheet HTML 6Page - Monolithic Power Systems MP2188 Datasheet HTML 7Page - Monolithic Power Systems MP2188 Datasheet HTML 8Page - Monolithic Power Systems MP2188 Datasheet HTML 9Page - Monolithic Power Systems MP2188 Datasheet HTML 10Page - Monolithic Power Systems MP2188 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
MP2188 – DUAL 3A, 5.5V, 1.2MHz, SYNCHRONOUS STEP-DOWN SWITCHER
MP2188 Rev. 1.01
www.MonolithicPower.com
7
2/2/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 5V, VOUT1 = 1.1V, VOUT2 = 1.8V, L = 1.0µH, COUT=22µF, TA = 25°C, unless otherwise noted.
EN ON
VOUT1=1.1V, IOUT1=3A
EN ON
VOUT2=1.8V, IOUT2=0A
EN OFF
VOUT1=1.1V, IOUT1=0A
EN ON
VOUT2=1.8V, IOUT2=3A
EN OFF
VOUT2=1.8V, IOUT2=0A
EN OFF
VOUT1=1.1V, IOUT1=3A
VOUT1
500mV/div.
VSW1
5V/div.
IL1
2A/div.
VOUT2
1V/div.
VSW2
5V/div.
IL2
1A/div.
VOUT1
500mV/div.
VSW1
5V/div.
IL1
2A/div.
VOUT2
1V/div.
VSW2
5V/div.
IL2
2A/div.
VOUT2
1V/div.
VSW2
5V/div.
IL2
2A/div.
VOUT2
1V/div.
VIN
5V/div.
VSW2
5V/div.
IL2
500mA/div.
VOUT2
1V/div.
VIN
2V/div.
VEN1
5V/div.
VEN1
5V/div.
VEN1
2V/div.
VEN1
5V/div.
VEN2
5V/div.
VEN2
5V/div.
VEN2
5V/div.
VSW2
5V/div.
IL2
2A/div.
VOUT1
500mV/div.
VSW1
5V/div.
IL1
1A/div.
VIN Power Off
VOUT2=1.8V, IOUT2=0A
VOUT1
500mV/div.
VSW1
5V/div.
IL1
1A/div.
VIN Power Off
VOUT2=1.8V, IOUT2=3A
EN ON
VOUT1=1.1V, IOUT1=0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com