Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LRQH9F Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LRQH9F
Description  SMT package, standard SMT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRQH9F Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LRQH9F Datasheet HTML 3Page - OSRAM GmbH LRQH9F Datasheet HTML 4Page - OSRAM GmbH LRQH9F Datasheet HTML 5Page - OSRAM GmbH LRQH9F Datasheet HTML 6Page - OSRAM GmbH LRQH9F Datasheet HTML 7Page - OSRAM GmbH LRQH9F Datasheet HTML 8Page - OSRAM GmbH LRQH9F Datasheet HTML 9Page - OSRAM GmbH LRQH9F Datasheet HTML 10Page - OSRAM GmbH LRQH9F Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LR QH9F, LY QH9F
2012-03-16
7
Durchlassstrom2)
Seite 15
Forward Current2) page 15
I
F = f (VF); TA = 25 °C
Relative Vorwärtsspannung2) Seite 15
Relative Forward Voltage2) page 15
∆V
F
= V
F
- V
F(25 °C) = f (T
j); IF = 5 mA
Relative Lichtstärke2) 7)
Seite 15
Relative Luminous Intensity2) 7) page 15
I
V/
I
V(5 mA) = f (IF); TA = 25 °C
Relative Lichtstärke2) Seite 15
Relative Luminous Intensity2)
page 15
I
V/
I
V(25 °C) = f (Tj); IF = 5 mA
OHL04090
mA
1.5
F
V
F
I
10
2
10
0
5
10
5
1
V
1.7
1.9
2.1
2.3
2.5
red
yellow
OHL02667
T
F
V
j
-40
-0.2
-20
0
20 40
0.25
˚C
60
100
-60
V
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
∆
OHL04088
IF
I
(5 mA)
V
I
V
10
0
mA
5
10
1
10
2
10
-1
5
0
10
5
1
10
5
OHL04092
0
-40
˚C
T
0.5
1.0
1.5
2.0
2.5
-20
0
20 40 60
100
j
-60
red
yellow
V
(25 ˚C)
I
V
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com