Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LRQH9F Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LRQH9F
Description  SMT package, standard SMT
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRQH9F Datasheet(HTML) 4 Page - OSRAM GmbH

  LRQH9F Datasheet HTML 1Page - OSRAM GmbH LRQH9F Datasheet HTML 2Page - OSRAM GmbH LRQH9F Datasheet HTML 3Page - OSRAM GmbH LRQH9F Datasheet HTML 4Page - OSRAM GmbH LRQH9F Datasheet HTML 5Page - OSRAM GmbH LRQH9F Datasheet HTML 6Page - OSRAM GmbH LRQH9F Datasheet HTML 7Page - OSRAM GmbH LRQH9F Datasheet HTML 8Page - OSRAM GmbH LRQH9F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2012-03-16
4
LR QH9F, LY QH9F
Kennwerte
Characteristics
(
T
A = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
yellow
red
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
I
F = 5 mA
λ
peak
595
632
nm
Dominantwellenlänge5) Seite 15
(min.)
Dominant wavelength5) page 15
(max.)
I
F = 5 mA
λ
dom
583
595
620
632
nm
Spektrale Bandbreite bei 50 % I
rel max
(typ.)
Spectral bandwidth at 50 % I
rel max
I
F = 5 mA
∆λ
25
25
nm
Abstrahlwinkel bei 50 % I
V (Vollwinkel)
(typ.)
Viewing angle at 50 % I
V
2
ϕ
120 (horizontal)
130 (vertical)
Grad
deg.
Durchlassspannung6) Seite 15
(min.)
Forward voltage
6) page 15
(typ.)
I
F = 5 mA
(max.)
V
F
V
F
V
F
1.9
2.2
2.5
V
V
V
Sperrstrom
(typ.)
Reverse current
(max.)
V
R = 5 V
I
R
I
R
0.01
10
µA
µA
Optischer Wirkungsgrad
(typ.)
Optical efficiency
I
F = 5 mA
η
opt
27
34
lm/W
Wärmewiderstand
Thermal resistance
Sperrschicht/Umgebung4) Seite 15
Junction/ambient4) page 15
Sperrschicht/Lötpad
Junction/solder point
R
th JA
R
th JS
595
360
K/W
K/W
*
Einzelgruppen siehe Seite 5
Individual groups on page 5
** R
th(max) basiert auf statistischen Werten
R
th(max) is based on statistic values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com