Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP8005DF Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8005DF
Description  13W 802.3af PoE Powered Device (PD) Interface and PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8005DF Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8005DF Datasheet HTML 1Page - Monolithic Power Systems MP8005DF Datasheet HTML 2Page - Monolithic Power Systems MP8005DF Datasheet HTML 3Page - Monolithic Power Systems MP8005DF Datasheet HTML 4Page - Monolithic Power Systems MP8005DF Datasheet HTML 5Page - Monolithic Power Systems MP8005DF Datasheet HTML 6Page - Monolithic Power Systems MP8005DF Datasheet HTML 7Page - Monolithic Power Systems MP8005DF Datasheet HTML 8Page - Monolithic Power Systems MP8005DF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MP8005 – IEEE 802.3af PoE POWERED DEVICE CONTROLLER
MP8005 Rev. 1.0
www.MonolithicPower.com
5
9/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VDD = 48V, all voltages with respect to VSS, VSS = 0V; RDET = 26.1kΩ, RCLASS = 4.42KΩ,
RILIM = 178kΩ, TA = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
PG
Latchoff Voltage
Threshold Rising
VRTN Rising
(5)
9.5
10
10.5
V
Latchoff Voltage
Threshold Falling
VRTN Falling
1.2
V
PG Deglitch
Delay Rising and Falling PDG
(5)
75
150
225
μs
Output Low Voltage
IPG = 400 μA
0.12
0.4
V
Leakage Current
VPG = 57 V, VRTN = 0 V
0.1
1
μA
UVLO
Voltage at VVDD
VVDD Rising (including 1.4V Diode drop)
38
40
42
V
VVDD Falling (including 1.4V Diode drop)
30.2
31.5
32.8
Thermal Shutdown
Thermal Counter Reset
Voltage
VCRST Must Drop below Classification Range
10.8
V
Bias Current
Operating Current
IQ (VDD)
VDD = 48V, Pins 5, 6 Floating
Measure IVDD
240
450
μA
Notes:
5) Guaranteed by Design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com