Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP8005DF Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP8005DF
Description  13W 802.3af PoE Powered Device (PD) Interface and PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8005DF Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP8005DF Datasheet HTML 2Page - Monolithic Power Systems MP8005DF Datasheet HTML 3Page - Monolithic Power Systems MP8005DF Datasheet HTML 4Page - Monolithic Power Systems MP8005DF Datasheet HTML 5Page - Monolithic Power Systems MP8005DF Datasheet HTML 6Page - Monolithic Power Systems MP8005DF Datasheet HTML 7Page - Monolithic Power Systems MP8005DF Datasheet HTML 8Page - Monolithic Power Systems MP8005DF Datasheet HTML 9Page - Monolithic Power Systems MP8005DF Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MP8005 – IEEE 802.3af PoE POWERED DEVICE CONTROLLER
MP8005 Rev. 1.0
www.MonolithicPower.com
6
9/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
VCC
10V Shunt Supply Voltage used for the switching regulator controller
2
MAINGATE Output drive to the Main Gate
3
SYNCGATE Output drive to the Synchronous Gate
4
CSS
Soft-start ramping capacitor
5
ENABLE
On/Off control input to the switching regulator
6
ILIM
Startup ILIM Value Setting Resistor terminal (optional at this point).
7
CLASS
Classification Resistor terminal.
8
DET
26.1kΩ Detection Resistor terminal
9
VSS
Ground return to the Ethernet negative supply.
10
No Connection
11
No Connection
12
RTN
Powered Device Negative Power Terminal.
13
RTN
Powered Device Negative Power Terminal.
14
PG
Active low power good indication.
15
VDD
Positive Power Supply Terminal for the Ethernet PD control function.
16
COMP
Switching regulator compensation terminal.
17
VFB
Switching regulator voltage feedback terminal.
18
RDELAY
Resistor programming for setting the delay from the Sync gate going low to the Main gate
going high.
19
ISENSE
Main Switch current sensing terminal.
20
AGND
Switching regulator controller ground return; Returns to the RTN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com