Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP8005DF Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP8005DF
Description  13W 802.3af PoE Powered Device (PD) Interface and PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8005DF Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP8005DF Datasheet HTML 3Page - Monolithic Power Systems MP8005DF Datasheet HTML 4Page - Monolithic Power Systems MP8005DF Datasheet HTML 5Page - Monolithic Power Systems MP8005DF Datasheet HTML 6Page - Monolithic Power Systems MP8005DF Datasheet HTML 7Page - Monolithic Power Systems MP8005DF Datasheet HTML 8Page - Monolithic Power Systems MP8005DF Datasheet HTML 9Page - Monolithic Power Systems MP8005DF Datasheet HTML 10Page - Monolithic Power Systems MP8005DF Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MP8005 – IEEE 802.3af PoE POWERED DEVICE CONTROLLER
MP8005 Rev. 1.0
www.MonolithicPower.com
7
9/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
0
10
20
30
40
50
60
70
80
90
100
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
VCC Regulator Line Regulation
LOAD CURRENT (A)
LOAD CURRENT (A)
Output Voltage vs.
Load Current
VDD=40V
VDD=60V
Efficiency vs.
Load Current
-0.12
-0.10
-0.08
-0.06
-0.04
-0.02
0.00
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
VDD=40V
VDD=60V
0
5
10
15
20
25
30
35
0
102030405060
VDD(V)
VDD Increasing
VDD Decreasing
Output Ripple
VDD=60V, ILOAD=4A
VRTN
50V/div
VPG
5V/div
VOUT
5V/div
IIN
0.5A/div
VRTN
1V/div
VPG
5V/div
VDD
20V/div
VPG-VRTN
IRTN
0.5A/div
20ms/div
Start Up
VDD=48V, ILOAD=2.6A
Shut Down
VDD=48V, ILOAD
Transient Response
VDD=48V, ILOAD=2.6A, 0 to 2.6A
Load Slew:1.0A/1uS
200ms/div
200us/div
2us/div
VOUT/AC
200mV/div
IOUT
1A/div
VOUT/AC
200mV/div
VSW
5V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com