Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STLC2416 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC2416
Description  BLUETOOTH BASEBAND WITH INTEGRATED FLASH
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2416 Datasheet(HTML) 1 Page - STMicroelectronics

  STLC2416 Datasheet HTML 1Page - STMicroelectronics STLC2416 Datasheet HTML 2Page - STMicroelectronics STLC2416 Datasheet HTML 3Page - STMicroelectronics STLC2416 Datasheet HTML 4Page - STMicroelectronics STLC2416 Datasheet HTML 5Page - STMicroelectronics STLC2416 Datasheet HTML 6Page - STMicroelectronics STLC2416 Datasheet HTML 7Page - STMicroelectronics STLC2416 Datasheet HTML 8Page - STMicroelectronics STLC2416 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1/27
STLC2416
June 2004
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
1
FEATURES
■
Pin to pin compatible with the previous version
STLC2415
■
Ericsson Technology Licensing Baseband Core
(EBC)
■
Bluetooth™ specification compliance: V1.1 and V1.2
■
SW compatible with STLC2411-M28R400CT
combination
■
2 layer class 4 PCB compatible
■
Point-to-point, point-to-multi-point (up to 7
slaves) and scatternet capability
■
Asynchronous Connection Oriented (ACL)
logical transport link
■
Synchronous Connection Oriented (SCO) links:
2 simultaneous SCO channels
■
Supports Pitch-Period Error Concealment (PPEC)
– Improves speech quality in the vicinity of in-
terference
– Improves coexistence with WLAN
– Works at receiver, no Bluetooth implication
■
Adaptive Frequency Hopping (AFH): hopping
kernel, channel assessment as Master and as
Slave
■
Faster Connection: Interlaced scan for Page
and Inquiry scan, first FHS without random
backoff, RSSI used to limit range
■
Extended SCO (eSCO) links
■
Standard BlueRF bus interface
■
QoS Flush
■
Clock support
– System clock input:
any integer value from 12 … 33 MHz
– LPO clock input at 3.2 and 32 kHz or via the
embedded 32 kHz crystal oscillator cell
■
ARM7TDMI 32-bit CPU
■
Memory organization
– Integrated 4Mbit flash
– 64KByte on-chip RAM
– 4KByte on-chip boot ROM
■
Low power architecture with 2 different low power
levels:
– Sleep Mode
– Deep Sleep Mode
■
HW support for packet types
– ACL: DM1, 3, 5 and DH1, 3, 5
– SCO: HV1, 3 and DV
–eSCO: EV3, 5
■
Communication interfaces
– Synchronous Serial Interface, supporting up
to 32 bit data and different industry standards
– Two enhanced 16550 UARTs with 128 byte
FIFO depth
– 12Mbps USB interface
– Fast master I2C bus interface
– Multi slot PCM interface
– 16 programmable GPIOs
– 2 external interrupts and various interrupt
possibilities through other interfaces
■
Efficient support for WLAN coexistence in
collocated scenario
■
Ciphering support for up to 128-bit key
■
Receiver Signal Strength Indication (RSSI)
support for power-controlled links
■
Separate control for external power amplifier
(PA) for class1 power support.
■
Software support
– Low level (up to HCI) stack or embedded
stack with profiles
– Support of UART and USB HCI transport layers.
1.1 Applications Features
Typical applications in which the STLC2416 can
be used are:
■
Cable replacement
■
Portable computers, PDA
■
Modems
■
Handheld data transfer devices
■
Cameras
■
Computer peripherals
■
Other type of devices that require the wireless
communication provided by Bluetooth™
PRELIMINARY DATA
BLUETOOTH™ BASEBAND WITH INTEGRATED FLASH
Figure 1. Package
Table 1. Order Codes
Part Number
Package
Temp. Range
STLC2416
LFBGA120
-40 to +85 °C
LFBGA120 (10x10x1.4mm)
REV. 1


Similar Part No. - STLC2416

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC2410B STMICROELECTRONICS-STLC2410B Datasheet
305Kb / 20P
BLUETOOTH BASEBAND
Rev. 2.0
STLC2411 STMICROELECTRONICS-STLC2411 Datasheet
216Kb / 25P
BLUETOOTH BASEBAND
REV. 1
STLC2415 STMICROELECTRONICS-STLC2415 Datasheet
181Kb / 22P
BLUETOOTH BASEBAND WITH INTEGRATED FLASH
Rev. 2
More results

Similar Description - STLC2416

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC2410B STMICROELECTRONICS-STLC2410B Datasheet
305Kb / 20P
BLUETOOTH BASEBAND
Rev. 2.0
logo
NXP Semiconductors
PCF87852 PHILIPS-PCF87852 Datasheet
73Kb / 12P
Bluetooth baseband controller
Rev. 01-23 April 2004
logo
STMicroelectronics
STLC2415 STMICROELECTRONICS-STLC2415 Datasheet
181Kb / 22P
BLUETOOTH BASEBAND WITH INTEGRATED FLASH
Rev. 2
STLC2411 STMICROELECTRONICS-STLC2411 Datasheet
216Kb / 25P
BLUETOOTH BASEBAND
REV. 1
logo
List of Unclassifed Man...
IS1002 ETC1-IS1002 Datasheet
84Kb / 13P
Bluetooth Baseband Controller
logo
OKI electronic componet...
ML70511LA OKI-ML70511LA Datasheet
156Kb / 26P
Bluetooth Baseband Controller IC
ML7051LA OKI-ML7051LA Datasheet
164Kb / 24P
Bluetooth Baseband Controller IC
ML7055 OKI-ML7055 Datasheet
343Kb / 30P
Bluetooth Baseband Controller IC
logo
Motorola, Inc
MC71000 MOTOROLA-MC71000 Datasheet
556Kb / 32P
Bluetooth Baseband Controller
logo
STMicroelectronics
STA2416 STMICROELECTRONICS-STA2416 Datasheet
421Kb / 38P
Bluetooth??Baseband with integrated flash
20-Dec-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com