Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STLC2416 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STLC2416
Description  BLUETOOTH BASEBAND WITH INTEGRATED FLASH
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2416 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STLC2416 Datasheet HTML 6Page - STMicroelectronics STLC2416 Datasheet HTML 7Page - STMicroelectronics STLC2416 Datasheet HTML 8Page - STMicroelectronics STLC2416 Datasheet HTML 9Page - STMicroelectronics STLC2416 Datasheet HTML 10Page - STMicroelectronics STLC2416 Datasheet HTML 11Page - STMicroelectronics STLC2416 Datasheet HTML 12Page - STMicroelectronics STLC2416 Datasheet HTML 13Page - STMicroelectronics STLC2416 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
STLC2416
10/27
Table 9. STLC2416 Pin List (continued)
Name
Pin #
Description
DIR
PU/PD
VDD
PAD
To be connected together on the PCB
ne
D3
Flash chip enable
I
csn0
E3
External chip select bank 0
O
Test Only (Do NOT connect)
rdn/ng
C3
External read
O
V2
CMOS 1.8V
4mA
slew rate control
csn1
D1
External chip select bank 1
O
csn2
E1
External chip select bank 2
O
addr0
F3
External address bit 0
O
addr2
H1
External address bit 2
O
addr17
L1
External address bit 17
O
addr18
M1
External address bit 18
O
addr19
N1
External address bit 19
O
data0
P1
External data bit 0
I/O
PD
data1
R1
External data bit 1
I/O
PD
data2
T1
External data bit 2
I/O
PD
data3
R3
External data bit 3
I/O
PD
data4
T3
External data bit 4
I/O
PD
data5
T4
External data bit 5
I/O
PD
data6
T5
External data bit 6
I/O
PD
V2
CMOS 1.8V
4mA
slew rate control
data7
T6
External data bit 7
I/O
PD
data8
T7
External data bit 8
I/O
PD
data9
V2
External data bit 9
I/O
PD
data10
V3
External data bit 10
I/O
PD
data11
V4
External data bit 11
I/O
PD
data12
V5
External data bit 12
I/O
PD
data13
V6
External data bit 13
I/O
PD
data14
V7
External data bit 14
I/O
PD
data15
V8
External data bit 15
I/O
PD
Not Connected
n.c.
C16,
G3,
N3,
P3
Not Connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com