Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STLC2416 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLC2416
Description  BLUETOOTH BASEBAND WITH INTEGRATED FLASH
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC2416 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLC2416 Datasheet HTML 7Page - STMicroelectronics STLC2416 Datasheet HTML 8Page - STMicroelectronics STLC2416 Datasheet HTML 9Page - STMicroelectronics STLC2416 Datasheet HTML 10Page - STMicroelectronics STLC2416 Datasheet HTML 11Page - STMicroelectronics STLC2416 Datasheet HTML 12Page - STMicroelectronics STLC2416 Datasheet HTML 13Page - STMicroelectronics STLC2416 Datasheet HTML 14Page - STMicroelectronics STLC2416 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11/27
STLC2416
6
FUNCTIONAL DESCRIPTION
6.1 Baseband
– WLAN coexistence. See also 7.12. WLAN.
6.1.1
Baseband 1.1 Features
The baseband is based on Ericsson Technology Licensing Baseband Core (EBC) and it is compliant with
the Bluetooth specification 1.1:
– Point to multipoint (up to 7 Slaves)
– Asynchronous Connection Less (ACL) link support giving data rates up to 721 kbps
– Synchronous Connection Oriented (SCO) link with support for 2 voice channels over the air interface.
– Flexible voice format to host and over the air (CVSD, PCM 13/16 bits, A-law,
µ-law)
– HW support for packet types: DM1, 3, 5; DH1, 3, 5; HV1, 3; DV
– Scatternet capabilities (Master in one piconet and Slave in the other one; Slave in two piconets). All
scatternet v.1.1 errata supported.
– Ciphering support up to 128 bits key
– Paging modes R0, R1, R2
– Channel Quality Driven Data Rate
– Full Bluetooth software stack available
– Low level link controller
6.1.2
Baseband 1.2 Features
The baseband part is also compliant with the Bluetooth specification 1.2:
– Extended SCO (eSCO) links: supports EV3 and EV5 packets. See also 7.6. eSCO.
– Adaptive Frequency Hopping (AFH): hopping kernel, channel assessment as Master and as Slave. See
also 7.7. AFH.
– Faster Connection: Interlaced scan for Page and Inquiry scan, answer FHS at first reception, RSSI used
to limit range. See also 7.8. Faster Connection.
– QoS Flush. See also 7.9. QoS.
– Synchronization: the local and the master BT clock are available via HCI commands for synchronization
of parallel applications on different slaves
– L2CAP Flow & Error control
– LMP Improvements
– LMP SCO handling
– Parameter Ranges update



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com