Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP20051DN Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP20051DN
Description  Low Noise, High PSRR, 1A Linear Regulator EV Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20051DN Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP20051DN Datasheet HTML 1Page - Monolithic Power Systems MP20051DN Datasheet HTML 2Page - Monolithic Power Systems MP20051DN Datasheet HTML 3Page - Monolithic Power Systems MP20051DN Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV20051DN-00A – LOW NOISE, 1A LINEAR REGULATOR
EV20051DN-00A Rev. 1.01
www.MonolithicPower.com
2
8/3/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
MP20051
3
FB
4.7
4
5
7,8
U1
3.75K
C3
EV20051DN-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
1
C1
2.2μF
Ceramic
Capacitor,X7R,16V
0805
TDK
C2012X7R1C225K
1
C2
4.7μF
Ceramic
Capacitor,X5R,10V
0805
TDK
C2012X5R1A475K
0
CIN,COUT, C3
NS
1
R1
3.75kΩ Film Res, 1%
0603
Any
1
R2
10kΩ
Film Res, 1%
0603
Any
1
R3
100k
Film Res, 5%
0603
Any
1
U1
LDO Regulator
SOIC8E
MPS
MP20051DN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com