Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP20051DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP20051DN
Description  Low Noise, High PSRR, 1A Linear Regulator EV Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20051DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP20051DN Datasheet HTML 1Page - Monolithic Power Systems MP20051DN Datasheet HTML 2Page - Monolithic Power Systems MP20051DN Datasheet HTML 3Page - Monolithic Power Systems MP20051DN Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV20051DN-00A
Low Noise, High PSRR, 1A
Linear Regulator EV Board
EV20051DN-00A Rev. 1.01
www.MonolithicPower.com
1
8/3/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The
EV20051DN-00A
evaluation
board
demonstrates the performance of MP20051, a
low noise and low dropout linear regulator. It
operates from 2.5V to 5.5V input voltage and
the output voltage can be set externally which
ranges from 0.8V to 5V.
The EV20051DN-00A can supply up to 1A of
load current, and features current limiting, over
temperature protection.
An internal PMOS pass element is used to
allow a low 110μA ground current, marking the
MP20051 suitable for battery-power devices.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
2.5 – 5.5
V
Output Voltage
VOUT
1.1
V
Load Current
IOUT
1
A
FEATURES
 Up to 1A Output Current
 Low 140mV Dropout at 1A
 Adjustable Output from 0.8V to 5V
 63dB PSRR at 1kHz
 13μVRMS Low Noise Output
 Very Fast Transient Responses
 Current Limit and Thermal Protection
APPLICATIONS
 Notebook Computers
 Cordless Telephones
 Cellular Phones
 Modems
 Hand-Held Instruments
 PDA and Palmtop Computers
For MPS green status, please visit MPS website under Quality Assurance.
MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV20051DN-00A EVALUATION BOARD
(L x W x H) 2.5” x 2.5” x 0.4”
(6.35cm x 6.35cm x 1.1cm)
Board Number
MPS IC Number
EV20051DN-00A
MP20051DN


Similar Part No. - MP20051DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP20051DN MPS-MP20051DN Datasheet
328Kb / 12P
Low Noise, High PSRR, 1A Linear Regulator
More results

Similar Description - MP20051DN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
logo
Monolithic Power System...
MP20051 MPS-MP20051 Datasheet
328Kb / 12P
Low Noise, High PSRR, 1A Linear Regulator
MPQ20051 MPS-MPQ20051 Datasheet
463Kb / 13P
Low Noise, High PSRR, 1A Linear Regulator AEC-Q100 Qualified
EVQ20051-Q-00A MPS-EVQ20051-Q-00A Datasheet
379Kb / 6P
Low Noise, High PSRR, 1A Linear Regulator EV Board
EV20045DN-00A MPS-EV20045DN-00A Datasheet
137Kb / 5P
Low Noise, 1A, Linear Regulator EV Board
EV20045DQ-00A MPS-EV20045DQ-00A Datasheet
528Kb / 5P
Low Noise, High PSRR, 1A Linear Regulator EV Board
EV20051DQ-00A MPS-EV20051DQ-00A Datasheet
176Kb / 4P
Low Noise, High PSRR, 1A Linear Regulator EV Board
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com