Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP20051DN Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP20051DN
Description  Low Noise, High PSRR, 1A Linear Regulator EV Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20051DN Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP20051DN Datasheet HTML 1Page - Monolithic Power Systems MP20051DN Datasheet HTML 2Page - Monolithic Power Systems MP20051DN Datasheet HTML 3Page - Monolithic Power Systems MP20051DN Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EV20051DN-00A – LOW NOISE, 1A LINEAR REGULATOR
NOTICE:
The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
EV20051DN-00A Rev. 1.01
www.MonolithicPower.com
4
8/3/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
QUICK START GUIDE (ADJUSTABLE OUTPUT)
The output voltage of this board is set externally which ranges from 0.8V to 5V by operating from +2.5V
to +5.5V input as the figure 4. The default output voltage of this board is set to 1.1V.
The board layout accommodates most commonly used resistors and capacitors.
1. Attach the positive and negative ends of the load to the VOUT and GND pins, respectively.
2. Attach the Input Voltage (2.5V ≤ VIN ≤ 5.5V) and Input Ground to the VIN and GND pins respectively.
3. To enable the MP20051, apply a voltage 1.5V ≤ VEN ≤ 5.5V, to the EN pin. To disable the MP20051,
apply a voltage, VEN < 0.4V, to the EN pin. The EN pin can be connected to VIN with a 100kΩ
resistor for automatic startup.
4. The Output Voltage VOUT can be changed by varying R1. Calculate the new value by formula:
OUT
FB
V
R1 R2(
1)
V
Where VFB = 0.8V and R2 = 10kΩ.
Example:
For VOUT = 1.1V:
1.1
R1 10kΩ
1
3.75kΩ
0.8




Therefore, use a 3.75kΩ standard 1% value.
Figure 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com