Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACPL-P345 Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # ACPL-P345
Description  1.0A maximum peak output current
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-P345 Datasheet(HTML) 4 Page - Broadcom Corporation.

  ACPL-P345 Datasheet HTML 1Page - Broadcom Corporation. ACPL-P345 Datasheet HTML 2Page - Broadcom Corporation. ACPL-P345 Datasheet HTML 3Page - Broadcom Corporation. ACPL-P345 Datasheet HTML 4Page - Broadcom Corporation. ACPL-P345 Datasheet HTML 5Page - Broadcom Corporation. ACPL-P345 Datasheet HTML 6Page - Broadcom Corporation. ACPL-P345 Datasheet HTML 7Page - Broadcom Corporation. ACPL-P345 Datasheet HTML 8Page - Broadcom Corporation. ACPL-P345 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Broadcom
AV02-4079EN
4
ACPL-P345 and ACPL-W345 Data Sheet
2.5-Amp Output Current Power, GaN, and SiC MOSFET Gate Drive Optocoupler with Rail-
to-Rail Output Voltage in Stretched SO6
ACPL-W345 Stretched SO-6 Package (8-mm Clearance)
Recommended Pb-Free IR Profile
Recommended reflow condition as per JEDEC Standard, J-STD-020 (latest revision). Non- Halide Flux should be used.
Regulatory Information
The ACPL-P345/W345 is approved by the following organizations.
UL
Recognized under UL 1577, component recognition program up to VISO = 3750 VRMS (ACPL-P345) and
VISO = 5000 VRMS (ACPL-W345).
CSA
CSA Component Acceptance Notice #5, File CA 88324
IEC/EN/DIN EN 60747-5-5
(Option 060 Only)
Maximum Working Insulation Voltage VIORM = 891 Vpeak (ACPL-P345) and VIORM = 1140 Vpeak
(ACPL-W345)
45°
2
1
34
5
6
0.381 ±0.127
(0.015 ±0.005)
0.20 ±0.10
(0.008 ±0.004)
*4.580
+ 0.254
– 0
0.180
+ 0.010
– 0.000
()
6.807
+ 0.127
– 0
0.268
+ 0.005
– 0.000
()
1.27 (0.050) BSG
35° NOM.
0.750 ±0.250
(0.0295 ±0.010)
11.500 ±0.25
(0.453 ±0.010)
0.254 ±0.050
(0.010 ±0.002)
1.590 ±0.127
(0.063 ±0.005)
3.180 ±0.127
(0.125 ±0.005)
0.45 (0.018)
7.62 (0.300)
12.65
(0.5)
1.27 (0.05)
0.76 (0.03)
1.905
(0.075)
Land Pattern Recommendation
Floating Lead Protusions max. 0.25 (0.01)
Dimensions in Millimeters (Inches)
Lead Coplanarity = 0.1 mm (0.004 Inches)
*Total package length (inclusive of mold flash) 4.834 mm ±0.254 mm (0.190” ±0.010”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com