Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACPL-P345 Datasheet(PDF) 13 Page - Broadcom Corporation.

Part # ACPL-P345
Description  1.0A maximum peak output current
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-P345 Datasheet(HTML) 13 Page - Broadcom Corporation.

Back Button ACPL-P345 Datasheet HTML 9Page - Broadcom Corporation. ACPL-P345 Datasheet HTML 10Page - Broadcom Corporation. ACPL-P345 Datasheet HTML 11Page - Broadcom Corporation. ACPL-P345 Datasheet HTML 12Page - Broadcom Corporation. ACPL-P345 Datasheet HTML 13Page - Broadcom Corporation. ACPL-P345 Datasheet HTML 14Page - Broadcom Corporation. ACPL-P345 Datasheet HTML 15Page - Broadcom Corporation. ACPL-P345 Datasheet HTML 16Page - Broadcom Corporation. ACPL-P345 Datasheet HTML 17Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ACPL-P345 and ACPL-W345 Data Sheet
2.5-Amp Output Current Power, GaN, and SiC MOSFET Gate Drive Optocoupler with Rail-
to-Rail Output Voltage in Stretched SO6
Broadcom
AV02-4079EN
13
Application Information
Product Overview Description
The ACPL-P345/W345 is an optically isolated power output
stage capable of driving power, GaN, or SiC MOSFET.
Based on BCDMOS technology, this gate drive optocoupler
delivers higher peak output current, better rail-to-rail output
voltage performance and two times faster speed than the
previous generation products.
The high peak output current and short propagation delay
are needed for fast MOSFET switching to reduce dead time
and improve system overall efficiency. Rail-to-rail output
voltage ensures that the MOSFET’s gate voltage is driven to
the optimum intended level with no power loss across the
MOSFET. This helps the designer lower the system power
which is suitable for bootstrap power supply operation.
It has very high CMR (common mode rejection) rating that
allows the microcontroller and the MOSFET to operate at
very large common mode noise found in industrial motor
drives and other power switching applications. The input is
driven by direct LED current and has a hysteresis that
prevents output oscillation if insufficient LED driving current
is applied. This will eliminates the need of additional Schmitt
trigger circuit at the input LED.
The stretched SO6 package which is up to 50% smaller than
conventional DIP package facilitates smaller and more
compact design. These stretched packages are compliant
to many industrial safety standards such as IEC/EN/DIN EN
60747-5-5, UL 1577 and CSA.
The stretched SO6 package which is up to 50% smaller than
conventional DIP package facilitates smaller more compact
design. These stretched packages are compliant to many
industrial safety standards, such as IEC/EN/DIN EN
60747-5-5, UL 1577 and CSA.
Recommended Application Circuit
The recommended application circuit shown in Figure 16
illustrates a typical gate drive implementation using the
ACPL-P345.
The supply bypass capacitors (1 µF) provide the large
transient currents necessary during a switching transition.
Because of the transient nature of the charging currents, a
low current (4.0 mA) power supply will be enough to power
the device. The split resistors (in the ratio of 1.5:1) across
the LED will provide a high CMR response by providing a
balanced resistance network across the LED.
The gate resistor RG serves to limit gate charge current and
controls the MOSFET switching times.
In PC board design, care should be taken to avoid routing
the MOSFET drain or source traces close to the ACPL-P345
input as this can result in unwanted coupling of transient
signals into ACPL-P345 and degrade performance.
Figure 16: Recommended Application Circuit with Split Resistors LED
VCC
+
_
+
_
Rg
Q1
Q2
+HVDC
-HVDC
1 μF
VCC =10V
VEE
1
2
3
6
5
4
CATHODE
NC
ANODE
VOUT
232Ω
154Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com