Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACPL-P345 Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # ACPL-P345
Description  1.0A maximum peak output current
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-P345 Datasheet(HTML) 2 Page - Broadcom Corporation.

  ACPL-P345 Datasheet HTML 1Page - Broadcom Corporation. ACPL-P345 Datasheet HTML 2Page - Broadcom Corporation. ACPL-P345 Datasheet HTML 3Page - Broadcom Corporation. ACPL-P345 Datasheet HTML 4Page - Broadcom Corporation. ACPL-P345 Datasheet HTML 5Page - Broadcom Corporation. ACPL-P345 Datasheet HTML 6Page - Broadcom Corporation. ACPL-P345 Datasheet HTML 7Page - Broadcom Corporation. ACPL-P345 Datasheet HTML 8Page - Broadcom Corporation. ACPL-P345 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Broadcom
AV02-4079EN
2
ACPL-P345 and ACPL-W345 Data Sheet
2.5-Amp Output Current Power, GaN, and SiC MOSFET Gate Drive Optocoupler with Rail-
to-Rail Output Voltage in Stretched SO6
Functional Diagram
NOTE: A 1-µF bypass capacitor must be connected
between pins VCC and VEE.
Truth Table
VCC
VOUT
VEE
1
2
3
6
5
4
CATHODE
NC
ANODE
LED
VCC – VEE
Positive Going
(Turn-On)
VCC to VEE
Negative Going
(Turn-Off
VO
OFF
0V to 20V
0V to 20V
LOW
ON
0V to 8.1V
0V to 7.1V
LOW
ON
8.1V to 9.1V
7.1V to 8.1V
TRANSITION
ON
9.1V to 20V
8.1V to 20V
HIGH
Ordering Information
ACPL-P345 is UL Recognized with 3750VRMS for 1 minute per UL1577. ACPL-W345 is UL Recognized with 5000 VRMS for
1 minute per UL1577.
To order, choose a part number from the part number column and combine with the desired option from the option column
to form an order entry.
Example 1:
ACPL-P345-560E to order product of Stretched SO-6 Surface Mount package in Tape and Reel packaging with IEC/EN/
DIN EN 60747-5-5 Safety Approval in RoHS compliant.
Example 2:
ACPL-W345-000E to order product of Stretched SO-6 Surface Mount package in Tube packaging and RoHS compliant.
Option data sheets are available. Contact your Broadcom sales representative or authorized distributor for information.
Part Number
Option
Package
Surface Mount
Tape and Reel
IEC/EN/DIN EN
60747-5-5
Quantity
RoHS Compliant
ACPL-P345
ACPL-W345
-000E
Stretched SO-6
X
100 per tube
-500E
X
X
1000 per reel
-060E
X
X
100 per tube
-560E
X
X
X
1000 per reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com