Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LCW-G5GP Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LCW-G5GP
Description  white PLCC-4 package, clear silicone resin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-G5GP Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LCW-G5GP Datasheet HTML 3Page - OSRAM GmbH LCW-G5GP Datasheet HTML 4Page - OSRAM GmbH LCW-G5GP Datasheet HTML 5Page - OSRAM GmbH LCW-G5GP Datasheet HTML 6Page - OSRAM GmbH LCW-G5GP Datasheet HTML 7Page - OSRAM GmbH LCW-G5GP Datasheet HTML 8Page - OSRAM GmbH LCW-G5GP Datasheet HTML 9Page - OSRAM GmbH LCW-G5GP Datasheet HTML 10Page - OSRAM GmbH LCW-G5GP Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LCW G5GP
2012-04-12
7
Farbtemperatur 3500 K
Color temperature 3500 K
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
5O
0.389
0.369
5P
0.398
0.373
5Q
0.406
0.377
0.392
0.377
0.401
0.381
0.410
0.386
0.401
0.381
0.410
0.386
0.419
0.390
0.398
0.373
0.406
0.377
0.415
0.381
6O
0.392
0.377
6P
0.401
0.381
6Q
0.410
0.386
0.394
0.385
0.404
0.390
0.413
0.394
0.404
0.390
0.413
0.394
0.422
0.399
0.401
0.381
0.410
0.386
0.419
0.390
7O
0.394
0.385
7P
0.404
0.390
7Q
0.413
0.394
0.397
0.393
0.407
0.398
0.416
0.403
0.407
0.398
0.416
0.403
0.426
0.408
0.404
0.390
0.413
0.394
0.422
0.399
8O
0.397
0.393
8P
0.407
0.398
8Q
0.416
0.403
0.400
0.401
0.410
0.406
0.420
0.412
0.410
0.408
0.420
0.412
0.430
0.417
0.407
0.398
0416
0.403
0.426
0.408
Farbtemperatur 4000 K
Color temperature 4000 K
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
5L
0.367
0.358
5M
0.375
0.362
5N
0.382
0.367
0.369
0.368
0.377
0.373
0.385
0.376
0.377
0.373
0.385
0.378
0.393
0.383
0.375
0.362
0.382
0.367
0.390
0.372
6L
0.369
0.368
6M
0.377
0.373
6N
0.385
0.378
0.371
0.378
0.380
0.383
0.388
0.388
0.380
0.383
0.388
0.388
0.397
0.393
0.377
0.373
0.385
0.376
0.393
0.383
7L
0.371
0.378
7M
0.380
0.383
7N
0.388
0.388
0.374
0.387
0.383
0.393
0.392
0.399
0.383
0.393
0.392
0.399
0.401
0.404
0.380
0.383
0.388
0.388
0.397
0.393



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com