Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LCW-G5GP Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LCW-G5GP
Description  white PLCC-4 package, clear silicone resin
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCW-G5GP Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LCW-G5GP Datasheet HTML 4Page - OSRAM GmbH LCW-G5GP Datasheet HTML 5Page - OSRAM GmbH LCW-G5GP Datasheet HTML 6Page - OSRAM GmbH LCW-G5GP Datasheet HTML 7Page - OSRAM GmbH LCW-G5GP Datasheet HTML 8Page - OSRAM GmbH LCW-G5GP Datasheet HTML 9Page - OSRAM GmbH LCW-G5GP Datasheet HTML 10Page - OSRAM GmbH LCW-G5GP Datasheet HTML 11Page - OSRAM GmbH LCW-G5GP Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2012-04-12
8
LCW G5GP
Farbtemperatur 4500 K
Color temperature 4500 K
Gruppe
Group
Cx
Cy
Gruppe
Group
Cx
Cy
5J
0.351
0.347
5K
0.359
0.352
0.352
0.356
0.361
0.362
0.361
0.362
0.369
0.368
0.359
0.352
0.367
0.358
6J
0.352
0.356
6K
0.361
0.362
0.354
0.365
0.363
0.371
0.363
0.371
0.371
0.378
0.361
0.362
0.369
0.368
7J
0.354
0.365
7K
0.363
0.371
0.355
0.374
0.364
0.381
0.364
0.381
0.374
0.387
0.363
0.371
0.371
0.378



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com