Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACPL-C87AT Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # ACPL-C87AT
Description  Automotive High Precision DC Voltage Isolation Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-C87AT Datasheet(HTML) 3 Page - Broadcom Corporation.

  ACPL-C87AT Datasheet HTML 1Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 2Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 3Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 4Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 5Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 6Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 7Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 8Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Broadcom
AV02-3564EN
3
ACPL-C87AT/ACPL-C87BT Data Sheet
Automotive High Precision DC Voltage Isolation Sensor
Figure 4: Package Pinout
Pin Description
Ordering Information
To order, choose a part number from the part number column and combine with the desired option from the option column
to form an order entry.
Example:
ACPL-C87AT-500E to order product of SSO-8 Surface Mount package in Tape and Reel packaging with RoHS compliant.
Contact your Broadcom sales representative or authorized distributor for information.
Pin Number Pin Name
Description
Pin Number Pin Name
Description
1VDD1
Input power supply
When VDD1 = 0, then VOUT+ = 0V, VOUT- = 2.6V
8VDD2
Output power supply
2VIN
Voltage input, full scale range = 2.46V
7
VOUT+
Positive output voltage
3
SHDN
Shutdown (active high)
When active, then VOUT+ = 0V, VOUT- = 2.6V
6VOUT-
Negative output voltage
4
GND1
Input side ground
5
GND2
Output side ground
Part Number
Option
Package
Surface
Mount
Tape and Reel
UL 5000 Vrms /
1Minute rating
IEC/EN/DIN
EN 60747-5-5
Quantity
(RoHS
Compliant)
ACPL-C87AT
ACPL-C87BT
-000E
Stretched
SO-8
X
X
X
80 per tube
-500E
X
X
X
X
1000 per reel
1
2
3
4
8
7
6
5
VDD1
VIN
SHDN
GND1
VDD2
VOUT+
VOUT-
GND2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com