Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACPL-C87AT Datasheet(PDF) 7 Page - Broadcom Corporation.

Part # ACPL-C87AT
Description  Automotive High Precision DC Voltage Isolation Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-C87AT Datasheet(HTML) 7 Page - Broadcom Corporation.

Back Button ACPL-C87AT Datasheet HTML 3Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 4Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 5Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 6Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 7Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 8Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 9Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 10Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 11Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Broadcom
AV02-3564EN
7
ACPL-C87AT/ACPL-C87BT Data Sheet
Automotive High Precision DC Voltage Isolation Sensor
Electrical Specifications
Unless otherwise noted, all typical values at TA = 25°C, VDD1 = VDD2 = 5V, VIN = 0 to 2V, VSD = 0V; all Minimum/Maximum
specifications are at recommended voltage supply conditions: 4.5V ≤ VDD1 ≤ 5.5V, 4.5V ≤ VDD2 ≤ 5.5V.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Figure
Note
Power Supplies
Input Supply Current
IDD1
—10.5
15
mA
VSD = 0V
18, 19
Input Supply Current
(Shutdown Mode)
IDD1(SD)
—20—
µA
VSD = 5V
Output Supply Current
IDD2
—6.5
12
mA
18, 20
DC Characteristics
Gain (ACPL-C87BT, ± 0.5%)
G0
0.995
1
1.005
V/V
TA = 25°C, VIN = 0 to 2 V,
VDD1 =VDD2 = 5.0V
8
a
Gain (ACPL-C87AT, ± 1%)
G1
0.99
1
1.01
V/V
TA = 25°C, VIN = 0 to 2 V,
VDD1 =VDD2 = 5.0V
8, 11
a
a. Gain is defined as the slope of the best-fit line of differential output voltage (VOUT+ – VOUT-) versus input voltage over the nominal range, with
offset error adjusted. A 0.5% gain tolerance for ACPL-C87BT, and a 1% tolerance for ACPL-C87AT.
Magnitude of Gain Change vs.
Temperature
|dG/dTA|
25
ppm/°C TA = -40°C to +125°C
11
Magnitude of Gain Change vs.
VDD1
|dG/dVDD1|
0.05
%/V
TA = 25°C
12
Magnitude of Gain Change vs.
VDD2
|dG/dVDD2|
0.02
%/V
TA = 25 °C
12, 13
Nonlinearity
NL
0.05
0.12
%
VIN = 0 to 2V,
TA = –40°C to +125°C
15, 16
Input Offset Voltage
VOS
–10
-0.3
10
mV
VIN is shorted to GND1,
TA = 25°C
7, 9, 10
Magnitude of Input Offset Change
vs. Temperature
|dVOS/dTA|—
21
µV/°C VIN is shorted to GND1,
TA = –40°C to +125°C
7, 9
Inputs and Outputs
Full-Scale Differential Voltage Input
Range
FSR
2.46
V
Referenced to GND1
Input Bias Current
IIN
–0.1
-0.001
0.1
µA
VIN = 0V
22
Equivalent Input Impedance
RIN
1000
MΩ
22
Output Common-Mode Voltage
VOCM
—1.23—
V
VIN = 0V, VSD = 0V
VOUT+ Range
VOUT+
—VOCM+1.23
V
VIN = 2.5V
VOUT - Range
VOUT-
—VOCM – 1.23
V
VIN = 2.5V
Output Short-Circuit Current
|IOSC|—
30
mA
VOUT+ or VOUT-,
shorted to GND2 or VDD2
Output Resistance
ROUT
—36—
VIN = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com