Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACPL-C87AT Datasheet(PDF) 13 Page - Broadcom Corporation.

Part # ACPL-C87AT
Description  Automotive High Precision DC Voltage Isolation Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-C87AT Datasheet(HTML) 13 Page - Broadcom Corporation.

Back Button ACPL-C87AT Datasheet HTML 8Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 9Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 10Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 11Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 12Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 13Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 14Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 15Page - Broadcom Corporation. ACPL-C87AT Datasheet HTML 16Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Broadcom
AV02-3564EN
13
ACPL-C87AT/ACPL-C87BT Data Sheet
Automotive High Precision DC Voltage Isolation Sensor
Application Information
The circuit shown in the Figure 28 is a high voltage sensing application using ACPL-C87AT/BT (isolation amplifier) and
ACPL-M49T (optocoupler). The high voltage input is sensed by the precision voltage divider resistors R1 and sensing
resistor R2. The ratio of the voltage divider is determined by the allowable input range of the isolation amplifier (0 to 2 V).
This small analog input goes through a 39Ω and 10 nF anti aliasing filter (ACPL-C87AT/BT use
- modulation).
Inside the isolation amplifier: the analog input signal is digitized and optically transmitted to the output side of the amplifier.
The detector will then decode the signal and converted back to analog signal. The output differential signals of
ACPL-C87AT/BT go through an op-amp to convert the differential signals to a single ended output.
Figure 28: Typical Application Circuit for Battery Voltage Sensing
Bypass Capacitor
A 0.1-µF bypass capacitor must be connected as near as possible between VDD1 to GND1 and VDD2 to GND2 (Figure 29).
Figure 29: Bypass Capacitors C2, C4
V+
V-
R1
R2
R3 39
C2
0.1 F
R12
R13
R5 20 k
R4 20 k
R7 20 k
0.1 F
VOUT
Vref
M
C
U
ACPL-C87AT/BT
ACPL-M49T
R6 20 k
C1
10 nF
C4
0.1 F
C6
1 nF
C7 1 nF
20
SWITCH
MODE
POWER
SUPPLY
Battery Cells
10 k
ACPL-C87AT/BT
C4
0.1 F
C2
0.1 F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com