Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AFT26P100-4WS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # AFT26P100-4WS
Description  RF Power LDMOS Transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT26P100-4WS Datasheet(HTML) 4 Page - NXP Semiconductors

  AFT26P100-4WS Datasheet HTML 1Page - NXP Semiconductors AFT26P100-4WS Datasheet HTML 2Page - NXP Semiconductors AFT26P100-4WS Datasheet HTML 3Page - NXP Semiconductors AFT26P100-4WS Datasheet HTML 4Page - NXP Semiconductors AFT26P100-4WS Datasheet HTML 5Page - NXP Semiconductors AFT26P100-4WS Datasheet HTML 6Page - NXP Semiconductors AFT26P100-4WS Datasheet HTML 7Page - NXP Semiconductors AFT26P100-4WS Datasheet HTML 8Page - NXP Semiconductors AFT26P100-4WS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
RF Device Data
Freescale Semiconductor, Inc.
AFT26P100--4WSR3 AFT26P100--4WGSR3
Figure 2. AFT26P100--4WSR3 Production Test Circuit Component Layout
R2
C9
C15
C1
C2
C16
R1
C17
C7
R3
C12
C8
C14
C11
C3
C4
C6
C10
C13
AFT26P100--4WS
Rev. 3--b
VGSA
VDSA
VGSB
VDSB
P
C
C5
NOTE: VDDA and VDDB must be tied together and powered by a single DC power supply.
Table 5. AFT26P100--4WSR3 Production Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C2
8.2 pF Chip Capacitors
ATC600F8R2BT250XT
ATC
C3
6.8 pF Chip Capacitor
ATC600F6R8BT250XT
ATC
C4
4.3 pF Chip Capacitor
ATC600F4R3BT250XT
ATC
C5, C6, C7, C8, C17
4.3 pF Chip Capacitors
ATC100B4R3CT500XT
ATC
C9, C10, C11, C12
10 F Chip Capacitors
GRM55DR61H106KA88L
Murata
C13, C14
470 F, 63 V Electrolytic Capacitors
MCGPR63V477M13X26-RH
Multicomp
C15
0.5 pF Chip Capacitor
ATC800B0R5BT500XT
ATC
C16
0.3 pF Chip Capacitor
ATC800B0R3BT500XT
ATC
R1
100 , 1/4 W Chip Resistor
CRCW1206100RFKEA
Vishay
R2, R3
5.1 , 1/10 W Chip Resistors
CRCW08055R10JNEA
Vishay
PCB
0.020, r =3.5
RO4350B
Rogers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com