Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AFT26P100-4WS Datasheet(PDF) 8 Page - NXP Semiconductors

Part # AFT26P100-4WS
Description  RF Power LDMOS Transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT26P100-4WS Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button AFT26P100-4WS Datasheet HTML 4Page - NXP Semiconductors AFT26P100-4WS Datasheet HTML 5Page - NXP Semiconductors AFT26P100-4WS Datasheet HTML 6Page - NXP Semiconductors AFT26P100-4WS Datasheet HTML 7Page - NXP Semiconductors AFT26P100-4WS Datasheet HTML 8Page - NXP Semiconductors AFT26P100-4WS Datasheet HTML 9Page - NXP Semiconductors AFT26P100-4WS Datasheet HTML 10Page - NXP Semiconductors AFT26P100-4WS Datasheet HTML 11Page - NXP Semiconductors AFT26P100-4WS Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
RF Device Data
Freescale Semiconductor, Inc.
AFT26P100--4WSR3 AFT26P100--4WGSR3
VDD =28 Vdc,IDQA = 189 mA, Pulsed CW, 10 sec(on), 10% Duty Cycle
f
(MHz)
Zsource
()
Zin
()
Max Output Power
P1dB
Zload (1)
()
Gain (dB)
(dBm)
(W)
D
(%)
AM/PM
()
2500
4.37 -- j13.8
5.84 + j14.7
3.19 -- j9.50
16.3
48.7
73
53.8
--13
2600
7.22 -- j15.5
9.54 + j16.6
3.35 -- j9.78
16.7
48.6
73
54.9
--12
2690
13.2 -- j15.4
15.2 + j17.0
3.40 -- j10.5
16.5
48.8
76
55.8
--11
f
(MHz)
Zsource
()
Zin
()
Max Output Power
P3dB
Zload (2)
()
Gain (dB)
(dBm)
(W)
D
(%)
AM/PM
()
2500
4.37 -- j13.8
5.71 + j15.8
3.19 -- j9.84
14.2
49.4
87
54.9
--20
2600
7.22 -- j15.5
10.4 + j18.5
3.35 -- j10.4
14.4
49.4
87
54.8
--18
2690
13.2 -- j15.4
17.9 + j18.8
3.40 -- j10.9
14.4
49.5
89
56.1
--16
(1) Load impedance for optimum P1dB power.
(2) Load impedance for optimum P3dB power.
Zsource = Measured impedance presented to the input of the device at the package reference plane.
Zin
= Impedance as measured from gate contact to ground.
Zload = Measured impedance presented to the output of the device at the package reference plane.
Figure 9. Single Side Load Pull Performance — Maximum Power Tuning
VDD =28 Vdc,IDQA = 189 mA, Pulsed CW, 10 sec(on), 10% Duty Cycle
f
(MHz)
Zsource
()
Zin
()
Max Drain Efficiency
P1dB
Zload (1)
()
Gain (dB)
(dBm)
(W)
D
(%)
AM/PM
()
2500
4.37 -- j13.8
5.16 + j14.8
6.14 -- j6.97
18.5
47.1
51
62.9
--20
2600
7.22 -- j15.5
8.57 + j17.1
5.28 -- j7.45
18.6
47.4
54
62.1
--18
2690
13.2 -- j15.4
13.9 + j18.4
4.69 -- j7.79
18.4
47.5
57
63.7
--17
f
(MHz)
Zsource
()
Zin
()
Max Drain Efficiency
P3dB
Zload (2)
()
Gain (dB)
(dBm)
(W)
D
(%)
AM/PM
()
2500
4.37 -- j13.8
5.04 + j15.8
5.63 -- j7.56
16.2
48.1
65
62.6
--28
2600
7.22 -- j15.5
9.18 + j18.8
4.99 -- j7.91
16.3
48.3
67
61.9
--25
2690
13.2 -- j15.4
16.3 + j20.4
4.60 -- j8.25
16.2
48.4
69
63.5
--24
(1) Load impedance for optimum P1dB efficiency.
(2) Load impedance for optimum P3dB efficiency.
Zsource = Measured impedance presented to the input of the device at the package reference plane.
Zin
= Impedance as measured from gate contact to ground.
Zload = Measured impedance presented to the output of the device at the package reference plane.
Figure 10. Single Side Load Pull Performance — Maximum Drain Efficiency Tuning
Input Load Pull
Tuner and Test
Circuit
Device
Under
Test
Zsource Zin
Zload
Output Load Pull
Tuner and Test
Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com