Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TR4-SAM10P Datasheet(PDF) 2 Page - SICK AG

Part # TR4-SAM10P
Description  NON-CONTACT SAFETY SWITCHES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

TR4-SAM10P Datasheet(HTML) 2 Page - SICK AG

  TR4-SAM10P Datasheet HTML 1Page - SICK AG TR4-SAM10P Datasheet HTML 2Page - SICK AG TR4-SAM10P Datasheet HTML 3Page - SICK AG TR4-SAM10P Datasheet HTML 4Page - SICK AG TR4-SAM10P Datasheet HTML 5Page - SICK AG TR4-SAM10P Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
TR4-SAM10P | TR4 Direct
NON-CONTACT SAFETY SWITCHES
Ordering information
Type
Part no.
TR4-SAM10P
6034587
Other models and accessories
www.sick.com/TR4_Direct
Detailed technical data
Features
System part
Sensor and actuator
Sensor principle
Transponder
Number of safe outputs
2
Safe switch on distance Sao
15 mm
Safe switch off distance Sar
25 mm
Active sensor surfaces
2
Actuation directions
5
Coding
Universally coded
Safety-related parameters
Safety integrity level
SIL3 (IEC 61508), SILCL3 (EN 62061)
Category
Category 4 (EN ISO 13849)
Performance level
PL e (EN ISO 13849)
PFHD (mean probability of a dangerous fail-
ure per hour)
1.119 x 10-9 (EN ISO 13849)
TM (mission time)
20 years (EN ISO 13849)
Type
Type 4 (EN ISO 14119)
Actuator coding level
Low coding level (EN ISO 14119)
Classification in compliance with IEC/
EN 60947-5-3
PDF-M
Safe state in the event of a fault
At least one safety-related semiconductor output (OSSD) is in the OFF state.
Functions
Cascading
Interfaces
Connection type
Cable
Length of cable 10 m
Cable material PVC
Long connecting cable ≤ 200 m
Status display
2
SAFETY SWITCHES | SICK
Online data sheet | 2018-08-31 13:13:28
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com