Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TR4-SAM10P Datasheet(PDF) 3 Page - SICK AG

Part # TR4-SAM10P
Description  NON-CONTACT SAFETY SWITCHES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

TR4-SAM10P Datasheet(HTML) 3 Page - SICK AG

  TR4-SAM10P Datasheet HTML 1Page - SICK AG TR4-SAM10P Datasheet HTML 2Page - SICK AG TR4-SAM10P Datasheet HTML 3Page - SICK AG TR4-SAM10P Datasheet HTML 4Page - SICK AG TR4-SAM10P Datasheet HTML 5Page - SICK AG TR4-SAM10P Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TR4-SAM10P | TR4 Direct
NON-CONTACT SAFETY SWITCHES
Electrical data
Protection class
III (EN 50178)
Classification according to cULus
Class 2
Supply voltage Vs
24 V DC (20.4 V DC ... 26.4 V DC)
Power consumption
50 mA
Type of output
Semiconductor (OSSD)
Output current
≤ 200 mA
Response time
60 ms 1)
Enable time
360 ms 2)
Risk time
60 s 3)
Switch-on time
2.5 s 4)
Electrical life
10 x 106 switching cycles
1) In a cascade, each downstream safety switch increases the system response time. More response times can be found in the operating instructions.
2) Response time on approach to the enable zone.
3) Detection time for external faults (e.g., short-circuit or cross-circuit of output signal switching devices). Follow the detailed information in the operating instructions.
4) After application of the supply voltage to the safety switch.
Mechanical data
Design
Cylindrical
Housing diameter (sensor/actuator)
M18 / M18
Weight
635 g
Housing material
Valox® DR48
Ambient data
Enclosure rating
IP69K (IEC 60529)
NEMA 3 (NEMA 250)
NEMA 4X (NEMA 250)
NEMA 12 (NEMA 250)
NEMA 13 (NEMA 250)
Ambient operating temperature
–10 °C ... +55 °C
Vibration resistance
10 Hz ... 55 Hz, 3.5 mm (IEC 60068-2-6)
Shock resistance
30 g, 11 ms (EN 60068-2-27)
Classifications
ECl@ss 5.0
27272403
ECl@ss 5.1.4
27272403
ECl@ss 6.0
27272403
ECl@ss 6.2
27272403
ECl@ss 7.0
27272403
ECl@ss 8.0
27272403
ECl@ss 8.1
27272403
ECl@ss 9.0
27272403
ETIM 5.0
EC001829
ETIM 6.0
EC001829
UNSPSC 16.0901
39122205
2018-08-31 13:13:28 | Online data sheet
Subject to change without notice
SAFETY SWITCHES | SICK
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com