Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TR4-SAM10P Datasheet(PDF) 4 Page - SICK AG

Part # TR4-SAM10P
Description  NON-CONTACT SAFETY SWITCHES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

TR4-SAM10P Datasheet(HTML) 4 Page - SICK AG

  TR4-SAM10P Datasheet HTML 1Page - SICK AG TR4-SAM10P Datasheet HTML 2Page - SICK AG TR4-SAM10P Datasheet HTML 3Page - SICK AG TR4-SAM10P Datasheet HTML 4Page - SICK AG TR4-SAM10P Datasheet HTML 5Page - SICK AG TR4-SAM10P Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
TR4-SAM10P | TR4 Direct
NON-CONTACT SAFETY SWITCHES
Dimensional drawing (Dimensions in mm (inch))
67.1
2.0
M18 x 1
15.4
3.2
4.6
36.5
15.9
13.7
Response range
Safe switch-on distance
15 mm
ao
S
Alignment offset [mm]
Side
approach
Side
approach
On
Off
Off
If the actuator moves laterally in relation to the surface of the sensor, a minimum distance of 4 mm must be maintained. This dis-
tance will prevent premature triggering due to the side approach areas.
Connection diagram
White
Brown
Green
Yellow
Grey
Pink
Blue
Red
Aux output (not safe)
Voltage supply 24 V DC
Not connected
Enable input for channel B
Safety output A
Safety output B
Voltage supply 0 V DC
Enable input for channel A
WH
BN
GN
YE
GY
PK
BU
RD
4
SAFETY SWITCHES | SICK
Online data sheet | 2018-08-31 13:13:28
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com