Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HTOP01 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # HTOP01
Description  High Temperature Dual Precision Operational Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HTOP01 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  HTOP01 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HTOP01 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HTOP01 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HTOP01 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HTOP01 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HTOP01 Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HTOP01
www.honeywell.com
2
FUNCTIONAL BLOCK DIAGRAM
SIGNAL DESCRIPTION
ABSOLUTE MAXIMUM RATINGS (1)
Symbol
Parameter
Rating
Units
Min
Max
VDD
Supply Voltage (2)
-0.5
6.5
Volts
VPIN
Voltage on Any Pin (2)
-0.5
VDD+0.5
Volts
TSTORE
Storage Temperature
-65
300
°C
IOUT
Average Output Current
50
mA
ESD
Electrostatic Discharge Protection Voltage (3)
1000
V
PJC
Package Thermal Resistance
(Junction-to-Case)
14 Pin DIP
15.0
°C/W
(1)
Stresses in excess of those listed above may result in immediate permanent damage to the device. These are stress ratings only, and
operation at these levels is not implied. Frequent or extended exposure to absolute maximum conditions may affect device reliability.
(2)
Voltage referenced to VSS.
(3)
Class 2 Electrostatic Discharge (ESD) input protection voltage per MIL-STD-883, Method 3015
Pin Name
Pin
Number
Description
SEL
13
Digital input pin. Selects either internal clock (SEL=0) or externally applied clock
(SEL=1).
XCLK
2
Digital input pin. External clock input. When SEL=1, XCLK is enabled, and the
internal ping-pong amplifier action occurs on each XCLK edge. When SEL=0, XCLK
is disabled. When not used, XCLK should be connected to VDD or VSS.
SHDN
7
Digital input pin. Power Shutdown control input. When SHDN=1, all analog circuitry is
de-powered/disabled, and only leakage current will flow into VDD. When SHDN=0,
normal circuit operation occurs.
INPA, INPB
4, 11
Non-
inverting amplifier inputs for amplifier “A” and “B” respectively.
INMA, INMB
5,10
Inverting amplifier inputs
for amplifier “A” and “B” respectively.
OUTA, OUTB
1, 14
Amplifier “A” and “B” outputs.
VDD
3, 9
Positive supply connection.
VSS
6,12
Negative supply connection.
No connect
8
Pin not used.
14
13
12
11
1
2
3
4
VDD
INPA
INMA
VSS
SEL
VSS
OUTB
INPB
5
6
7
SHDN
OUTA
XCLK
9
8
INMB
VDD
No
connection
10
HTOP01
14 Pin DIP
OUT
INP
INM
1
2
1
2
Open
Closed
t
1, 2
T=1/fclk
-
+
+
-
2
1
2
1
A2
CA2
CA2,Ref
VRef
2
-
+
+
-
1
2
1
2
A1
CA1
CA1,Ref
VRef
1
Output
Stage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com